Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1031 Datasheet(PDF) 13 Page - Analog Devices

Part # ADM1031
Description  Intelligent Temperature Monitor and Dual PWM Fan Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1031 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM1031 Datasheet HTML 9Page - Analog Devices ADM1031 Datasheet HTML 10Page - Analog Devices ADM1031 Datasheet HTML 11Page - Analog Devices ADM1031 Datasheet HTML 12Page - Analog Devices ADM1031 Datasheet HTML 13Page - Analog Devices ADM1031 Datasheet HTML 14Page - Analog Devices ADM1031 Datasheet HTML 15Page - Analog Devices ADM1031 Datasheet HTML 16Page - Analog Devices ADM1031 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
REV. 0
ADM1031
–13–
Table V. Fan Spin-Up Times
Spin-Up Time
Bits 2:0
(Fan Characteristics Registers 1, 2)
000
200 ms
001
400 ms
010
600 ms
011
800 ms
100
1 sec
101
2 secs (Default)
110
4 secs
111
8 secs
Once the Automatic Fan Speed Control Loop parameters have been
chosen, the ADM1031 device may be programmed. The ADM1031
is placed into Automatic Fan Speed Control Mode by setting Bit 7
of Configuration Register 1 (Register 0x00). The device powers up
in Automatic Fan Speed Control Mode by default. The control
mode offers further flexibility in that the user can decide which
temperature channel/channels control each fan.
Table VI. Auto Mode Fan Behavior
Bits 6, 5
Control Operation (Config Register 1)
00
Remote Temp 1 Controls Fan 1. Remote Temp 2
Controls Fan 2.
01
Remote Temp 1 Controls Fans 1 and 2.
10
Remote Temp 2 Controls Fans 1 and 2.
11
Maximum Speed Calculated by Local and Remote
Temperature Channels Controls Fans 1 and 2.
When Bits 5 and 6 of Config Register 1 are both set to 1, it offers
increased flexibility. The local and remote temperature channels
can have independently programmed control loops with different
control parameters. Whichever control loop calculates the fastest fan
speed based on the temperature being measured, drives the fans.
Figure 9 shows how the fan’s PWM duty cycle is determined by
two independent control loops. This is the type of Auto Mode Fan
Behavior seen when Bits 5 and 6 of Config Register 1 are set to 11.
Figure 9a shows the control loop for the Local Temperature chan-
nel. Its TMIN value has been programmed to 20
°C, and its TRANGE
value is 40
°C. The local temperature’s TMAX will thus be 60°C.
Figure 9b shows the control loop for the Remote Temperature chan-
nel. Its TMIN value has been set to 0
°C, while its TRANGE = 80°C.
Therefore, the Remote Temperature’s TMAX value will be 80
°C.
Consider if both temperature channels measure 40
°C. Both control
loops will calculate a PWM duty cycle of 66%. Therefore, the fan
will be driven at 66% duty cycle.
If both temperature channels measure 20
°C, the local channel will
calculate 33% PWM duty cycle, while the Remote 1 channel will
calculate 50% PWM duty cycle. Thus, the fans will be driven at
50% PWM duty cycle. Consider the local temperature measuring
60
°C while the Remote 1 temperature is measuring 70°C. The
PWM duty cycle calculated by the local temperature control loop
will be 100% (since the temperature = TMAX). The PWM duty cycle
calculated by the Remote 1 temperature control loop at 70
°C will
be approximately 90%. So the fan will run full-speed (100% duty
cycle). Remember, that the fan speed will be based on the fastest
speed calculated, and is not necessarily based on the highest
temperature measured. Depending on the control loop param-
eters programmed, a lower temperature on one channel, may
actually calculate a faster speed, than a higher temperature on
the other channel.
LOCAL TEMPERATURE – C
0
100
93
87
80
73
66
60
53
47
40
33
TMIN
20
40
60
TMAX = TMIN + TRANGE
a.
REMOTE TEMPERATURE – C
0
100
93
87
80
73
66
60
53
47
40
33
TMIN
20
40
80
70
T R
AN
GE
=
80
C
TMAX = TMIN + TRANGE
b.
Figure 9. Max Speed Calculated by Local and Remote
Temperature Control Loops Drives Fan
PROGRAMMING THE AUTOMATIC FAN SPEED
CONTROL LOOP
1. Program a value for TMIN.
2. Program a value for the slope TRANGE.
3. TMAX = TMIN + TRANGE.
4. Program a value for Fan Spin-up Time.
5. Program the desired Automatic Fan Speed Control Mode
Behavior, i.e., which temperature channel controls the fan.
6. Select Automatic Fan Speed Control Mode by setting Bit 7
of Configuration Register 1.
OTHER CONTROL LOOP PARAMETERS
Having programmed all the above loop parameters, are there
any other parameters to worry about?
TMIN was defined as the temperature at which the fan switched
on and ran at minimum speed. This minimum speed is 33% duty
cycle by default. If the minimum PWM duty cycle is programmed
to 33%, the fan control loops will operate as previously described.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com