Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1031 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM1031
Description  Intelligent Temperature Monitor and Dual PWM Fan Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1031 Datasheet(HTML) 4 Page - Analog Devices

  ADM1031 Datasheet HTML 1Page - Analog Devices ADM1031 Datasheet HTML 2Page - Analog Devices ADM1031 Datasheet HTML 3Page - Analog Devices ADM1031 Datasheet HTML 4Page - Analog Devices ADM1031 Datasheet HTML 5Page - Analog Devices ADM1031 Datasheet HTML 6Page - Analog Devices ADM1031 Datasheet HTML 7Page - Analog Devices ADM1031 Datasheet HTML 8Page - Analog Devices ADM1031 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
REV. 0
ADM1031
–4–
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Description
1
PWM_OUT1
Digital Output (Open-Drain). Pulsewidth modulated output to control fan speed. Requires pull-
up resistor (10 k
Ω typical).
2
TACH1/AIN1
Digital/Analog Input. Fan tachometer input to measure FAN1 fan speed. May be reprogrammed as
an analog input to measure speed of a 2-wire fan via a sense resistor (2
Ω typical).
3
PWM_OUT2
Digital Output (Open-Drain). Pulsewidth Modulated output to control FAN2 fan speed.
Requires pull-up resistor (10 k
Ω typical).
4
TACH2/AIN2
Digital/Analog Input. Fan tachometer input to measure FAN2 fan speed. May be repro-
grammed as an analog input to measure speed of a 2-wire fan via a sense resistor (2
Ω typical).
5
GND
System Ground.
6VCC
Power. Can be powered by 3.3 V Standby power if monitoring in low power states is required.
7
THERM
Digital I/O (Open-Drain). An active low thermal overload output that indicates a violation of a
temperature set point (overtemperature). Also acts as an input to provide external fan control.
When this pin is pulled low by an external signal, a status bit is set, and the fan speed is set to
full-on. Requires pull-up resistor (10 k
Ω).
8
FAN_FAULT
Digital Output (Open-Drain). Can be used to signal a fan fault. Drives second fan to full speed
if one fan fails. Requires pull-up resistor (typically 10 k
Ω).
9
D1–
Analog Input. Connected to cathode of first remote temperature-sensing diode. The temperature-
sensing element is either a Pentium III substrate transistor or a general-purpose 2N3904.
10
D1+
Analog Input. Connected to anode of first remote temperature-sensing diode.
11
D2–
Analog Input. Connected to cathode of second remote temperature-sensing diode.
12
D2+
Analog Input. Connected to anode of second remote temperature-sensing diode.
13
ADD
Three-State Logic Input. Sets two lower bits of device SMBus address.
14
INT (SMBALERT)
Digital Output (Open-Drain). Can be programmed as an interrupt (SMBus ALERT) output for
temperature/fan speed interrupts. Requires pull-up resistor (10 k
Ω typical).
15
SDA
Digital I/O. Serial Bus Bidirectional Data. Open-drain output. Requires pull-up resistor
(2.2 k
Ω typical).
16
SCL
Digital Input. Serial Bus Clock. Requires pull-up resistor (2.2 k
Ω typical).
PIN CONFIGURATION
TACH2/AIN2
TOP VIEW
(Not to Scale)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
PWM_OUT1
SCL
ADM1031
SDA
PWM_OUT2
INT (SMBALERT)
ADD
GND
D2+
VCC
D2–
THERM
D1+
FAN_FAULT
D1–
TACH1/AIN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com