Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C006 Datasheet (PDF) - Cypress Semiconductor

CY7C006 Datasheet PDF - Cypress Semiconductor
Part # CY7C006
Download  CY7C006 Download
File Size   321.8 Kbytes
Page   16 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 16K x 8/9 Dual-Port Static RAM with Sem, Int, Busy

CY7C006 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C006 Datasheet PDF - Cypress Semiconductor

Part # CY7C006
Download  CY7C006 Click to download

File Size   321.8 Kbytes
Page   16 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 16K x 8/9 Dual-Port Static RAM with Sem, Int, Busy

CY7C006 Datasheet (HTML) - Cypress Semiconductor


CY7C006 Product details

Functional Description

The CY7C006 and CY7C016 are high-speed CMOS 16K x 8 and 16K x 9 dual-port static RAMs. Various arbitration schemes are included on the CY7C006/016 to handle situations when multiple processors access the same piece of data. Two ports are provided, permitting independent, asynchro nous access for reads and writes to any location in memory.



Features

• True dual-ported memory cells which allow simultaneous reads of the same memory location

• 16K x 8 organization (CY7C006)

• 16K x 9 organization (CY7C016)

• 0.65-micron CMOS for optimum speed/power

• High-speed access: 15 ns

• Low operating power: ICC= 140 mA (typ.)

• Fully asynchronous operation

• Automatic power-down

• TTL compatible

• Expandable data bus to 16/18 bits or more using Master/Slave chip select when using more than one device

• Busy arbitration scheme provided

• Semaphores included to permit software handshaking between ports

•INTflag for port-to-port communication

• Available in 68-pin PLCC (7C006), 64-pin (7C006) and 80-pin (7C016) TQFP

• Pin compatible and functional equivalent to IDT7006/IDT7016




Similar Part No. - CY7C006

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C006A CYPRESS-CY7C006A Datasheet
422Kb / 20P
32K/16K x8, 32K/16K x9 Dual-Port Static RAM
CY7C006A-12AC CYPRESS-CY7C006A-12AC Datasheet
422Kb / 20P
32K/16K x8, 32K/16K x9 Dual-Port Static RAM
CY7C006A-12JC CYPRESS-CY7C006A-12JC Datasheet
422Kb / 20P
32K/16K x8, 32K/16K x9 Dual-Port Static RAM
CY7C006A-15AC CYPRESS-CY7C006A-15AC Datasheet
422Kb / 20P
32K/16K x8, 32K/16K x9 Dual-Port Static RAM
CY7C006A-15JC CYPRESS-CY7C006A-15JC Datasheet
422Kb / 20P
32K/16K x8, 32K/16K x9 Dual-Port Static RAM
More results


Similar Description - CY7C006

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C024 CYPRESS-CY7C024 Datasheet
702Kb / 20P
4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7B139 CYPRESS-CY7B139 Datasheet
530Kb / 14P
4K x8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C145 CYPRESS-CY7C145 Datasheet
391Kb / 19P
8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138 CYPRESS-CY7C138_05 Datasheet
476Kb / 16P
4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C144 CYPRESS-CY7C144 Datasheet
607Kb / 20P
8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024A CYPRESS-CY7C024A Datasheet
535Kb / 21P
4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C138 CYPRESS-CY7C138_09 Datasheet
567Kb / 17P
4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C144 CYPRESS-CY7C144_09 Datasheet
657Kb / 20P
8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024E CYPRESS-CY7C024E Datasheet
431Kb / 22P
4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C144E CYPRESS-CY7C144E Datasheet
557Kb / 23P
8K 횞 8 Dual-Port Static RAM with SEM, INT, BUSY
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com