Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C024 Datasheet (PDF) - Cypress Semiconductor

CY7C024 Datasheet PDF - Cypress Semiconductor
Part # CY7C024
Download  CY7C024 Download
File Size   702.0 Kbytes
Page   20 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY

CY7C024 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C024 Datasheet PDF - Cypress Semiconductor

Part # CY7C024
Download  CY7C024 Click to download

File Size   702.0 Kbytes
Page   20 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY

CY7C024 Datasheet (HTML) - Cypress Semiconductor


CY7C024 Product details

Functional Description
The CY7C024/024A/0241 and CY7C025/0251 are low power CMOS 4K x 16/18 and 8K x 16/18 dual-port static RAMs. Various arbitration schemes are included on the CY7C024/ 0241 and CY7C025/0251 to handle situations when multiple processors access the same piece of data. Two ports are provided, permitting independent, asynchronous access for reads and writes to any location in memory.
   
Features
■ True dual-ported memory cells, which allow simultaneous reads of the same memory location
■ 4K x 16 organization (CY7C024/024A[1])
■ 4K x 18 organization (CY7C0241)
■ 8K x 16 organization (CY7C025)
■ 8K x 18 organization (CY7C0251)
■ 0.65 micron CMOS for optimum speed and power
■ High speed access: 15 ns
■ Low operating power: ICC = 150 mA (typ)
■ Fully asynchronous operation
■ Automatic power down
■ Expandable data bus to 32/36 bits or more using Master/Slave chip select when using more than one device
■ On-chip arbitration logic
■ Semaphores included to permit software handshaking between ports
■ INT flag for port-to-port communication
■ Separate upper-byte and lower-byte control
■ Pin select for Master or Slave
■ Available in 84-pin (Pb-free) PLCC, 84-pin PLCC, 100-pin (Pb-free) TQFP, and 100-pin TQFP
   




Similar Part No. - CY7C024

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C024 CYPRESS-CY7C024 Datasheet
522Kb / 21P
4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024-15AC CYPRESS-CY7C024-15AC Datasheet
535Kb / 21P
4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024-15AC CYPRESS-CY7C024-15AC Datasheet
535Kb / 21P
4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024-15AXC CYPRESS-CY7C024-15AXC Datasheet
522Kb / 21P
4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024-15AXC CYPRESS-CY7C024-15AXC Datasheet
535Kb / 21P
4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
More results


Similar Description - CY7C024

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C145 CYPRESS-CY7C145 Datasheet
391Kb / 19P
8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C024_0411 CYPRESS-CY7C024_0411 Datasheet
522Kb / 21P
4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C138 CYPRESS-CY7C138_05 Datasheet
476Kb / 16P
4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C144 CYPRESS-CY7C144 Datasheet
607Kb / 20P
8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024A CYPRESS-CY7C024A Datasheet
535Kb / 21P
4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024 CYPRESS-CY7C024_09 Datasheet
535Kb / 21P
4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024AV CYPRESS-CY7C024AV_09 Datasheet
475Kb / 19P
3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C138 CYPRESS-CY7C138_09 Datasheet
567Kb / 17P
4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C144 CYPRESS-CY7C144_09 Datasheet
657Kb / 20P
8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024E CYPRESS-CY7C024E Datasheet
431Kb / 22P
4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com