Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C024 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C024
Description  4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C024 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C024 Datasheet HTML 1Page - Cypress Semiconductor CY7C024 Datasheet HTML 2Page - Cypress Semiconductor CY7C024 Datasheet HTML 3Page - Cypress Semiconductor CY7C024 Datasheet HTML 4Page - Cypress Semiconductor CY7C024 Datasheet HTML 5Page - Cypress Semiconductor CY7C024 Datasheet HTML 6Page - Cypress Semiconductor CY7C024 Datasheet HTML 7Page - Cypress Semiconductor CY7C024 Datasheet HTML 8Page - Cypress Semiconductor CY7C024 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
4K x 16/18 and 8K x 16/18 Dual-Port
Static RAM with SEM, INT, BUSY
CY7C024/0241
CY7C025/0251
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
•
CA 95134
•
408-943-2600
Document #: 38-06035 Rev. *B
Revised June 22, 2004
Features
• True Dual-Ported memory cells which allow
simultaneous reads of the same memory location
• 4K x 16 organization (CY7C024)
• 4K x 18 organization (CY7C0241)
• 8K x 16 organization (CY7C025)
• 8K x 18 organization (CY7C0251)
• 0.65-micron CMOS for optimum speed/power
• High-speed access: 15 ns
• Low operating power: ICC = 150 mA (typ.)
• Fully asynchronous operation
• Automatic power-down
• Expandable data bus to 32/36 bits or more using
Master/Slave chip select when using more than one
device
• On-chip arbitration logic
• Semaphores included to permit software handshaking
between ports
• INT flag for port-to-port communication
• Separate upper-byte and lower-byte control
• Pin select for Master or Slave
• Available in 84-pin PLCC and 100-pin TQFP
Functional Description
The CY7C024/0241 and CY7C025/0251 are low-power
CMOS 4K x 16/18 and 8K x 16/18 dual-port static RAMs. Var-
ious arbitration schemes are included on the CY7C024/0241
and CY7C025/0251 to handle situations when multiple pro-
cessors access the same piece of data. Two ports are provid-
ed, permitting independent, asynchronous access for reads
and writes to any location in memory. The CY7C024/0241 and
CY7C025/0251 can be utilized as standalone 16-/18-bit du-
al-port static RAMs or multiple devices can be combined in
order to function as a 32-/36-bit or wider master/slave du-
al-port static RAM. An M/S pin is provided for implementing
32-/36-bit or wider memory applications without the need for
separate master and slave devices or additional discrete logic.
Application areas include interprocessor/multiprocessor de-
signs, communications status buffering, and dual-port vid-
eo/graphics memory.
Each port has independent control pins: Chip Enable (CE),
Read or Write Enable (R/W), and Output Enable (OE). Two flags
are provided on each port (BUSY and INT). BUSY signals that the
port is trying to access the same location currently being accessed by
the other port. The Interrupt Flag (INT) permits communication be-
tween ports or systems by means of a mail box. The semaphores are
used to pass a flag, or token, from one port to the other to indicate that
a shared resource is in use. The semaphore logic is comprised of
eight shared latches. Only one side can control the latch (semaphore)
at any time. Control of a semaphore indicates that a shared resource
is in use. An automatic power-down feature is controlled indepen-
dently on each port by a chip select (CE) pin.
The CY7C024/0241 and CY7C025/0251 are available in
84-pin PLCCs (CY7C024 and CY7C025 only) and 100-pin
Thin Quad Plastic Flatpack (TQFP).
v
7C024–1
R/WL
UBL
LB L
CE L
OEL
A0L
R/WR
UBR
CE R
OE R
CE L
OE L
UB L
UB R
I/O 8L –I/O 15L
INTERRUPT
SEMAPHORE
ARBITRATION
CONTROL
I/O
MEMORY
ARRAY
ADDRESS
DECODER
SEM L
SEM R
BUSYL
INT L
INTR
M/S
CONTROL
I/O
LB L
LB R
I/O 0L –I/O 7L
R/W L
R/W R
LB
R
CE
R
OE R
A0R
I/O8R I/O15R
BUSYR
I/O 0R I/O 7R
(CY7C025/0251)
A12L
A12R (CY7C025/0251)
[1]
[1]
Logic Block Diagram
–
–
ADDRESS
DECODER
A11L
A11R
[2]
[3]
[2]
[3]


Similar Part No. - CY7C024

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C024 CYPRESS-CY7C024 Datasheet
522Kb / 21P
4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024-15AC CYPRESS-CY7C024-15AC Datasheet
535Kb / 21P
4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024-15AC CYPRESS-CY7C024-15AC Datasheet
535Kb / 21P
4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024-15AXC CYPRESS-CY7C024-15AXC Datasheet
522Kb / 21P
4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024-15AXC CYPRESS-CY7C024-15AXC Datasheet
535Kb / 21P
4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
More results

Similar Description - CY7C024

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C145 CYPRESS-CY7C145 Datasheet
391Kb / 19P
8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C024_0411 CYPRESS-CY7C024_0411 Datasheet
522Kb / 21P
4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C138 CYPRESS-CY7C138_05 Datasheet
476Kb / 16P
4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C144 CYPRESS-CY7C144 Datasheet
607Kb / 20P
8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024A CYPRESS-CY7C024A Datasheet
535Kb / 21P
4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024 CYPRESS-CY7C024_09 Datasheet
535Kb / 21P
4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024AV CYPRESS-CY7C024AV_09 Datasheet
475Kb / 19P
3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C138 CYPRESS-CY7C138_09 Datasheet
567Kb / 17P
4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C144 CYPRESS-CY7C144_09 Datasheet
657Kb / 20P
8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024E CYPRESS-CY7C024E Datasheet
431Kb / 22P
4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com