Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C024 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C024
Description  4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C024 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C024 Datasheet HTML 4Page - Cypress Semiconductor CY7C024 Datasheet HTML 5Page - Cypress Semiconductor CY7C024 Datasheet HTML 6Page - Cypress Semiconductor CY7C024 Datasheet HTML 7Page - Cypress Semiconductor CY7C024 Datasheet HTML 8Page - Cypress Semiconductor CY7C024 Datasheet HTML 9Page - Cypress Semiconductor CY7C024 Datasheet HTML 10Page - Cypress Semiconductor CY7C024 Datasheet HTML 11Page - Cypress Semiconductor CY7C024 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
CY7C024/0241
CY7C025/0251
Document #: 38-06035 Rev. *B
Page 8 of 20
Data Retention Mode
The CY7C024/0241 is designed with battery backup in mind.
Data retention voltage and supply current are guaranteed over
temperature. The following rules insure data retention:
1. Chip enable (CE) must be held HIGH during data retention, with-
in VCC to VCC – 0.2V.
2. CE must be kept between VCC – 0.2V and 70% of VCC
during the power-up and power-down transitions.
3. The RAM can begin operation >tRC after VCC reaches the min-
imum operating voltage (4.5 volts).
Notes:
16. Test conditions used are Load 2.
17. tBDD is a calculated parameter and is the greater of tWDD– tPWE (actual) or
tDDD– tSD (actual).
18. CE = VCC, Vin = GND to VCC, TA = 25°C. This parameter is guaranteed but not
tested.
BUSY TIMING[16]
tBLA
BUSY LOW from Address
Match
15
20
20
45
ns
tBHA
BUSY HIGH from Address
Mismatch
15
20
20
40
ns
tBLC
BUSY LOW from CE LOW
15
20
20
40
ns
tBHC
BUSY HIGH from CE HIGH
15
20
20
35
ns
tPS
Port Set-Up for Priority
5
5
5
5
ns
tWB
R/W HIGH after BUSY
(Slave)
0
0
0
0
ns
tWH
R/W HIGH after BUSY
HIGH (Slave)
13
20
30
40
ns
tBDD
[17]
BUSY HIGH to Data Valid
Note 17
Note 17
Note 17
Note 17
ns
INTERRUPT TIMING[16]
tINS
INT Set Time
15
20
25
30
ns
tINR
INT Reset Time
15
20
25
30
ns
SEMAPHORE TIMING
tSOP
SEM Flag Update Pulse (OE
or SEM)
10
12
15
20
ns
tSWRD
SEM Flag Write to Read
Time
5
10
10
15
ns
tSPS
SEM Flag Contention
Window
5
10
10
15
ns
tSAA
SEM Address Access Time
15
25
35
55
ns
Switching Characteristics Over the Operating Range[10] (continued)
7C024/0241–15
7C025/0251–15
7C024/0241–25
7C025/0251–25
7C024/0241–35
7C025/0251–35
7C024/0241–55
7C025/0251–55
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Timing
Parameter
Test Conditions[18]
Max.
Unit
ICCDR1
@ VCCDR = 2V
1.5
mA
Data Retention Mode
7C024–13
4.5V
4.5V
VCC > 2.0V
VCC to VCC – 0.2V
VCC
CE
tRC
V
IH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com