Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C024 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C024
Description  4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C024 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C024 Datasheet HTML 1Page - Cypress Semiconductor CY7C024 Datasheet HTML 2Page - Cypress Semiconductor CY7C024 Datasheet HTML 3Page - Cypress Semiconductor CY7C024 Datasheet HTML 4Page - Cypress Semiconductor CY7C024 Datasheet HTML 5Page - Cypress Semiconductor CY7C024 Datasheet HTML 6Page - Cypress Semiconductor CY7C024 Datasheet HTML 7Page - Cypress Semiconductor CY7C024 Datasheet HTML 8Page - Cypress Semiconductor CY7C024 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
CY7C024/0241
CY7C025/0251
Document #: 38-06035 Rev. *B
Page 3 of 20
Pin Configurations
Notes:
4.
A12L on the CY7C025/0251.
5.
A12R on the CY7C025/0251.
7C024–1
Top View
84-Pin PLCC
A7L
A6L
A5L
A4L
A3L
A2L
INTL
BUSYL
M/S
BUSYR
A1R
A2R
I/O8L
I/O9L
I/O10L
I/O11L
I/O12L
I/O13L
I/O15L
VCC
I/O0R
I/O2R
I/O1R
I/O3R
I/O4R
I/O5R
A3R
A4R
A5R
A6R
I/O6R
I/O7R
I/O8R
I/O14L
A1L
A0L
GND
INTR
A0R
GND
GND
VCC
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
CY7C024/5
Top View
100-Pin TQFP
100 99
97
98
96
2
3
1
42
41
59
60
61
12
13
15
14
16
4
5
40
39
95 94
17
26
9
10
8
7
6
11
27 28
30
29
31 32
35
34
36 37 38
33
67
66
64
65
63
62
68
69
70
75
73
74
72
71
89 88
86
87
85
93 92
84
NC
NC
NC
NC
A5L
A4L
INTL
A2L
A0L
BUSYL
GND
INTR
A0R
A1L
NC
NC
NC
NC
I/O10L
I/O11L
I/O15L
VCC
GND
I/O1R
I/O2R
VCC
90
91
A3L
M/S
BUSYR
I/O14L
GND
I/O12L
I/O13L
A1R
A2R
A3R
A4R
NC
NC
NC
NC
I/O3R
I/O4R
I/O5R
I/O6R
NC
NC
NC
NC
18
19
20
21
22
23
24
25
83 82 81 80 79 78 77 76
58
57
56
55
54
53
52
51
43 44 45 46 47 48 49 50
7C024–2
I/O0R
CY7C024/5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com