Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C024 Datasheet(PDF) 17 Page - Cypress Semiconductor

Part # CY7C024
Description  4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C024 Datasheet(HTML) 17 Page - Cypress Semiconductor

Back Button CY7C024 Datasheet HTML 12Page - Cypress Semiconductor CY7C024 Datasheet HTML 13Page - Cypress Semiconductor CY7C024 Datasheet HTML 14Page - Cypress Semiconductor CY7C024 Datasheet HTML 15Page - Cypress Semiconductor CY7C024 Datasheet HTML 16Page - Cypress Semiconductor CY7C024 Datasheet HTML 17Page - Cypress Semiconductor CY7C024 Datasheet HTML 18Page - Cypress Semiconductor CY7C024 Datasheet HTML 19Page - Cypress Semiconductor CY7C024 Datasheet HTML 20Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
CY7C024/0241
CY7C025/0251
Document #: 38-06035 Rev. *B
Page 17 of 20
Table 3. Semaphore Operation Example
Function
I/O0–I/O15/17
Left
I/O0–I/O15/17
Right
Status
No action
1
1
Semaphore free
Left port writes 0 to semaphore
0
1
Left Port has semaphore token
Right port writes 0 to semaphore
0
1
No change. Right side has no write access to semaphore.
Left port writes 1 to semaphore
1
0
Right port obtains semaphore token
Left port writes 0 to semaphore
1
0
No change. Left port has no write access to semaphore
Right port writes 1 to semaphore
0
1
Left port obtains semaphore token
Left port writes 1 to semaphore
1
1
Semaphore free
Right port writes 0 to semaphore
1
0
Right port has semaphore token
Right port writes 1 to semaphore
1
1
Semaphore free
Left port writes 0 to semaphore
0
1
Left port has semaphore token
Left port writes 1 to semaphore
1
1
Semaphore free
Ordering Information
4K x16 Dual-Port SRAM
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
15
CY7C024–15AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C024–15JC
J83
84-Lead Plastic Leaded Chip Carrier
25
CY7C024–25AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C024–25JC
J83
84-Lead Plastic Leaded Chip Carrier
CY7C024–25AI
A100
100-Pin Thin Quad Flat Pack
Industrial
CY7C024–25JI
J83
84-Lead Plastic Leaded Chip Carrier
35
CY7C024–35AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C024–35JC
J83
84-Lead Plastic Leaded Chip Carrier
CY7C024–35AI
A100
100-Pin Thin Quad Flat Pack
Industrial
CY7C024–35JI
J83
84-Lead Plastic Leaded Chip Carrier
55
CY7C024–55AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C024–55JC
J83
84-Lead Plastic Leaded Chip Carrier
CY7C024–55AI
A100
100-Pin Thin Quad Flat Pack
Industrial
CY7C024–55JI
J83
84-Lead Plastic Leaded Chip Carrier
Notes:
41. A0L–12L and A0R–12R, 1FFF/1FFE for the CY7C025.
42. If BUSYR=L, then no change.
43. If BUSYL=L, then no change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com