Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C024 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C024
Description  4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C024 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C024 Datasheet HTML 1Page - Cypress Semiconductor CY7C024 Datasheet HTML 2Page - Cypress Semiconductor CY7C024 Datasheet HTML 3Page - Cypress Semiconductor CY7C024 Datasheet HTML 4Page - Cypress Semiconductor CY7C024 Datasheet HTML 5Page - Cypress Semiconductor CY7C024 Datasheet HTML 6Page - Cypress Semiconductor CY7C024 Datasheet HTML 7Page - Cypress Semiconductor CY7C024 Datasheet HTML 8Page - Cypress Semiconductor CY7C024 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
CY7C024/0241
CY7C025/0251
Document #: 38-06035 Rev. *B
Page 4 of 20
Pin Definitions
Left Port
Right Port
Description
CEL
CER
Chip Enable
R/WL
R/WR
Read/Write Enable
OEL
OER
Output Enable
A0L–A11/12L
A0R–A11/12R
Address
I/O0L–I/O15/17L
I/O0R–I/O15/17R
Data Bus Input/Output
SEML
SEMR
Semaphore Enable
UBL
UBR
Upper Byte Select
LBL
LBR
Lower Byte Select
INTL
INTR
Interrupt Flag
BUSYL
BUSYR
Busy Flag
M/S
Master or Slave Select
VCC
Power
GND
Ground
Pin Configurations (continued)
Top View
100-Pin TQFP
100 99
97
98
96
2
3
1
42
41
59
60
61
12
13
15
14
16
4
5
40
39
95 94
17
26
9
10
8
7
6
11
27 28
30
29
31 32
35
34
36 37 38
33
67
66
64
65
63
62
68
69
70
75
73
74
72
71
89 88
86
87
85
93 92
84
NC
NC
NC
NC
A5L
A4L
INTL
A2L
A0L
BUSYL
GND
INTR
A0R
A1L
NC
NC
I/O11L
I/O12L
I/O16L
VCC
GND
I/O1R
I/O2R
VCC
90
91
A3L
M/S
BUSYR
I/O15L
GND
I/O13L
I/O14L
A1R
A2R
A3R
A4R
NC
NC
NC
NC
I/O3R
I/O4R
I/O5R
I/O6R
NC
NC
18
19
20
21
22
23
24
25
83 82 81 80 79 78 77 76
58
57
56
55
54
53
52
51
43 44 45 46 47 48 49 50
7C024–3
I/O0R
CY7C0241/0251
I/O8L
I/O17L
I/O8R
I/O17R
Selection Guide
7C024/0241–15
7C025/0251–15
7C024/0241–25
7C025/0251–25
7C024/0241–35
7C025/0251–35
7C024/0241–55
7C025/0251–55
Maximum Access Time (ns)
15
25
35
55
Typical Operating Current (mA)
190
170
160
150
Typical Standby Current for ISB1 (mA)
50
40
30
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com