Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C024 Datasheet(PDF) 18 Page - Cypress Semiconductor

Part # CY7C024
Description  4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C024 Datasheet(HTML) 18 Page - Cypress Semiconductor

Back Button CY7C024 Datasheet HTML 12Page - Cypress Semiconductor CY7C024 Datasheet HTML 13Page - Cypress Semiconductor CY7C024 Datasheet HTML 14Page - Cypress Semiconductor CY7C024 Datasheet HTML 15Page - Cypress Semiconductor CY7C024 Datasheet HTML 16Page - Cypress Semiconductor CY7C024 Datasheet HTML 17Page - Cypress Semiconductor CY7C024 Datasheet HTML 18Page - Cypress Semiconductor CY7C024 Datasheet HTML 19Page - Cypress Semiconductor CY7C024 Datasheet HTML 20Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
CY7C024/0241
CY7C025/0251
Document #: 38-06035 Rev. *B
Page 18 of 20
© Cypress Semiconductor Corporation, 2004. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be
used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its
products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
Ordering Information (continued)
8K x 16 Dual-Port SRAM
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
15
CY7C025–15AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C025–15JC
J83
84-Lead Plastic Leaded Chip Carrier
CY7C025–15AI
A100
100-Pin Thin Quad Flat Pack
Industrial
25
CY7C025–25AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C025–25JC
J83
84-Lead Plastic Leaded Chip Carrier
CY7C025–25AI
A100
100-Pin Thin Quad Flat Pack
Industrial
CY7C025–25JI
J83
84-Lead Plastic Leaded Chip Carrier
35
CY7C025–35AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C025–35JC
J83
84-Lead Plastic Leaded Chip Carrier
CY7C025–35AI
A100
100-Pin Thin Quad Flat Pack
Industrial
CY7C025–35JI
J83
84-Lead Plastic Leaded Chip Carrier
55
CY7C025–55AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C025–55JC
J83
84-Lead Plastic Leaded Chip Carrier
CY7C025–55AI
A100
100-Pin Thin Quad Flat Pack
Industrial
CY7C025–55JI
J83
84-Lead Plastic Leaded Chip Carrier
4K x 18 Dual-Port SRAM
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
15
CY7C0241–15AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C0241–15AI
A100
100-Pin Thin Quad Flat Pack
Industrial
25
CY7C0241–25AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C0241–25AI
A100
100-Pin Thin Quad Flat Pack
Industrial
35
CY7C0241–35AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C0241–35AI
A100
100-Pin Thin Quad Flat Pack
Industrial
55
CY7C0241–55AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C0241–55AI
A100
100-Pin Thin Quad Flat Pack
Industrial
8K x 18 Dual-Port SRAM
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
15
CY7C0251–15AC
A100
100-Pin Thin Quad Flat Pack
Commercial
25
CY7C0251–25AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C0251–25AI
A100
100-Pin Thin Quad Flat Pack
Industrial
35
CY7C0251–35AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C0251–35AI
A100
100-Pin Thin Quad Flat Pack
Industrial
55
CY7C0251–55AC
A100
100-Pin Thin Quad Flat Pack
Commercial
CY7C0251–55AI
A100
100-Pin Thin Quad Flat Pack
Industrial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com