Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CR02AM Datasheet (PDF) - HAOPIN MICROELECTRONICS CO.,LTD

CR02AM Datasheet PDF - HAOPIN MICROELECTRONICS CO.,LTD
Part # CR02AM
Download  CR02AM Download
File Size   179.03 Kbytes
Page   5 Pages
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD
Description Blocking voltage to 400 V

CR02AM Datasheet (PDF)

Go To PDF Page Download Datasheet
CR02AM Datasheet PDF - HAOPIN MICROELECTRONICS CO.,LTD

Part # CR02AM
Download  CR02AM Click to download

File Size   179.03 Kbytes
Page   5 Pages
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD
Description Blocking voltage to 400 V

CR02AM Datasheet (HTML) - HAOPIN MICROELECTRONICS CO.,LTD


CR02AM Product details

Description
Glass passivated, sensitive gate thyristors in a plastic envelope, intended for use in general purpose
switching and phase control applications. These devices are intended to be interfaced directly to
microcontrollers, logic integrated circuits and other low power gate trigger circuits.

Applications:
Motor control
Industrial and domestic lighting
Heating
Static switching

Features
Blocking voltage to 400 V
On-state RMS current to 0.47 A
Ultra low gate trigger current




Similar Part No. - CR02AM

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CR02AM MITSUBISHI-CR02AM Datasheet
67Kb / 5P
LOW POWER USE PLANAR PASSIVATION TYPE
logo
Powerex Power Semicondu...
CR02AM POWEREX-CR02AM Datasheet
85Kb / 6P
Lead-Mount, Phase Control SCR 0.3 Amperes/400 Volts
logo
Mitsubishi Electric Sem...
CR02AM MITSUBISHI-CR02AM Datasheet
77Kb / 5P
LOW POWER USE PLANAR PASSIVATION TYPE
logo
Suntac Electronic Corp.
CR02AM SUNTAC-CR02AM Datasheet
85Kb / 4P
Sensitive Gate Silicon controlled Rectifier
logo
Inchange Semiconductor ...
CR02AM ISC-CR02AM Datasheet
305Kb / 3P
isc Triacs
More results


Similar Description - CR02AM

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
MCR100-6 LEIDITECH-MCR100-6 Datasheet
410Kb / 4P
Blocking voltage to 400 V (MCR100-6)
logo
HAOPIN MICROELECTRONICS...
BTA08-600SW HAOPIN-BTA08-600SW Datasheet
433Kb / 5P
Blocking voltage to 600 V
BTB06-600SW HAOPIN-BTB06-600SW Datasheet
424Kb / 5P
Blocking voltage to 600 V
BTB08-600CW HAOPIN-BTB08-600CW Datasheet
433Kb / 5P
Blocking voltage to 600 V
BT258S HAOPIN-BT258S Datasheet
358Kb / 5P
Blocking voltage to 800 V
CT502 HAOPIN-CT502 Datasheet
416Kb / 5P
Blocking voltage to 400 V
MCR106 HAOPIN-MCR106 Datasheet
159Kb / 4P
Blocking voltage to 400 V
CR2AM HAOPIN-CR2AM Datasheet
277Kb / 5P
Blocking voltage to 400 V
XL0840 HAOPIN-XL0840 Datasheet
397Kb / 5P
Blocking voltage to 400 V
XL1225 HAOPIN-XL1225 Datasheet
206Kb / 4P
Blocking voltage to 400 V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com