Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CR2AM Datasheet (PDF) - HAOPIN MICROELECTRONICS CO.,LTD

CR2AM Datasheet PDF - HAOPIN MICROELECTRONICS CO.,LTD
Part # CR2AM
Download  CR2AM Download
File Size   277.62 Kbytes
Page   5 Pages
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD
Description Blocking voltage to 400 V

CR2AM Datasheet (PDF)

Go To PDF Page Download Datasheet
CR2AM Datasheet PDF - HAOPIN MICROELECTRONICS CO.,LTD

Part # CR2AM
Download  CR2AM Click to download

File Size   277.62 Kbytes
Page   5 Pages
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD
Description Blocking voltage to 400 V

CR2AM Datasheet (HTML) - HAOPIN MICROELECTRONICS CO.,LTD


CR2AM Product details

Description
Glass passivated, sensitive gate thyristors in a plastic envelope, intended for use in general purpose
switching and phase control applications. These devices are intended to be interfaced directly to
microcontrollers, logic integrated circuits and other low power gate trigger circuits.

Applications:
Motor control
Industrial and domestic lighting
Heating
Static switching

Features
Blocking voltage to 400 V
On-state RMS current to 2 A
Ultra low gate trigger current




Similar Part No. - CR2AM

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CR2AM MITSUBISHI-CR2AM Datasheet
72Kb / 6P
LOW POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
More results


Similar Description - CR2AM

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
MCR100-6 LEIDITECH-MCR100-6 Datasheet
410Kb / 4P
Blocking voltage to 400 V (MCR100-6)
logo
HAOPIN MICROELECTRONICS...
BTA08-600SW HAOPIN-BTA08-600SW Datasheet
433Kb / 5P
Blocking voltage to 600 V
BTB06-600SW HAOPIN-BTB06-600SW Datasheet
424Kb / 5P
Blocking voltage to 600 V
BTB08-600CW HAOPIN-BTB08-600CW Datasheet
433Kb / 5P
Blocking voltage to 600 V
BT258S HAOPIN-BT258S Datasheet
358Kb / 5P
Blocking voltage to 800 V
CT502 HAOPIN-CT502 Datasheet
416Kb / 5P
Blocking voltage to 400 V
MCR106 HAOPIN-MCR106 Datasheet
159Kb / 4P
Blocking voltage to 400 V
CR02AM HAOPIN-CR02AM Datasheet
179Kb / 5P
Blocking voltage to 400 V
XL0840 HAOPIN-XL0840 Datasheet
397Kb / 5P
Blocking voltage to 400 V
XL1225 HAOPIN-XL1225 Datasheet
206Kb / 4P
Blocking voltage to 400 V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com