Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR16A Datasheet (PDF) - Freescale Semiconductor, Inc

MC68HC908GR16A Datasheet PDF - Freescale Semiconductor, Inc
Part # MC68HC908GR16A
Download  MC68HC908GR16A Download
File Size   1885.61 Kbytes
Page   270 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description M68HC08 Microcontrollers

MC68HC908GR16A Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68HC908GR16A Datasheet PDF - Freescale Semiconductor, Inc

Part # MC68HC908GR16A
Download  MC68HC908GR16A Click to download

File Size   1885.61 Kbytes
Page   270 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description M68HC08 Microcontrollers

MC68HC908GR16A Datasheet (HTML) - Freescale Semiconductor, Inc


MC68HC908GR16A Product details

General Description
Introduction
The MC68HC908GR16A is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs). All MCUs in the family use the enhanced M68HC08 central processor unit (CPU08) and are available with a variety of modules, memory sizes and types, and package types.

Features
For convenience, features have been organized to reflect:
• Standard features
• Features of the CPU08

Standard Features
Features include:
• High-performance M68HC08 architecture optimized for C-compilers
• Fully upward-compatible object code with M6805, M146805, and M68HC05 Families
• 8-MHz internal bus frequency
• Clock generation module supporting 1-MHz to 8-MHz crystals
• FLASH program memory security(1)
• On-chip programming firmware for use with host personal computer which does not require high voltage for entry
• In-system programming (ISP)
• System protection features:
   – Optional computer operating properly (COP) reset
   – Low-voltage detection with optional reset and selectable trip points for 3.3-V and 5.0-V operation
   – Illegal opcode detection with reset
   – Illegal address detection with reset
• Low-power design; fully static with stop and wait modes
• Standard low-power modes of operation:
   – Wait mode
   – Stop mode
• Master reset pin and power-on reset (POR)
• 16 Kbytes of on-chip FLASH memory
• 1 Kbyte of on-chip random-access memory (RAM)
• 406 bytes of FLASH programming routines read-only memory (ROM)
• Serial peripheral interface (SPI) module
• Enhanced serial communications interface (ESCI) module
• Fine adjust baud rate prescalers for precise control of baud rate
• Arbiter module:
   – Measurement of received bit timings for baud rate recovery without use of external timer
   – Bitwise arbitration for arbitrated UART communications
• LIN specific enhanced features:
   – Generation of LIN 1.2 break symbols without extra software steps on each message
   – Break detection filtering to prevent false interrupts
• Two 16-bit, 2-channel timer interface modules (TIM1 and TIM2) with selectable input capture, output compare, and pulse-width modulation (PWM) capability on each channel
• Up to 8-channel, 10-bit successive approximation analog-to-digital converter (ADC) depending on package choice
• BREAK (BRK) module to allow single breakpoint setting during in-circuit debugging
• Internal pullups on IRQ and RST to reduce customer system cost
• Up to 37 general-purpose input/output (I/O) pins, including:
   – 28 shared-function I/O pins
   – Up to nine dedicated I/O pins, depending on package choice
• Selectable pullups on inputs only on ports A, C, and D. Selection is on an individual port bit basis. During output mode, pullups are disengaged.
• High current 10-mA sink/source capability on all port pins
• Higher current 20-mA sink/source capability on PTC0–PTC4
• Timebase module (TBM) with clock prescaler circuitry for eight user selectable periodic real-time interrupts with optional active clock source during stop mode for periodic wakeup from stop using an external crystal
• User selection of having the oscillator enabled or disabled during stop mode
• Up to 8-bit keyboard wakeup port depending on package choice
• 2 mA maximum current injection on all port pins to maintain input protection
• Available packages:
   – 32-pin quad flat pack (LQFP)
   – 48-pin quad flat pack (LQFP)
• Specific features of the MC68HC908GR16A in 32-pin LQFP are:
   – Port A is only 4 bits: PTA0–PTA3; 4-pin keyboard interrupt (KBI) module
   – Port B is only 6 bits: PTB0–PTB5; 6-channel ADC module
   – Port C is only 2 bits: PTC0–PTC1
   – Port D is only 7 bits: PTD0–PTD6; shared with SPI, TIM1, and TIM2 modules
   – Port E is only 2 bits: PTE0–PTE1; shared with ESCI module
• Specific features of the MC68HC908GR16A in 48-pin LQFP are:
   – Port A is 8 bits: PTA0–PTA7; 8-pin KBI module
   – Port B is 8 bits: PTB0–PTB7; 8-channel ADC module
   – Port C is only 7 bits: PTC0–PTC6
   – Port D is 8 bits: PTD0–PTD7; shared with SPI, TIM1, and TIM2 modules
   – Port E is only 6 bits: PTE0–PTE5; shared with ESCI module




Similar Part No. - MC68HC908GR16A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC908GR16 MOTOROLA-MC68HC908GR16 Datasheet
2Mb / 310P
Microcontrollers
logo
Freescale Semiconductor...
MC68HC908GR16 FREESCALE-MC68HC908GR16 Datasheet
3Mb / 276P
Microcontrollers
logo
Motorola, Inc
MC68HC908GR16CFA MOTOROLA-MC68HC908GR16CFA Datasheet
2Mb / 310P
Microcontrollers
MC68HC908GR16CFJ MOTOROLA-MC68HC908GR16CFJ Datasheet
2Mb / 310P
Microcontrollers
MC68HC908GR16MFA MOTOROLA-MC68HC908GR16MFA Datasheet
2Mb / 310P
Microcontrollers
More results


Similar Description - MC68HC908GR16A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC908AZ32A FREESCALE-MC68HC908AZ32A Datasheet
3Mb / 324P
M68HC08 Microcontrollers
MC68HC908JB8 FREESCALE-MC68HC908JB8 Datasheet
1Mb / 286P
M68HC08 Microcontrollers
MC68HC908JB16 FREESCALE-MC68HC908JB16 Datasheet
3Mb / 332P
M68HC08 Microcontrollers
MC68HC908KX8 FREESCALE-MC68HC908KX8 Datasheet
1Mb / 210P
M68HC08 Microcontrollers
MC68HC908LJ24 FREESCALE-MC68HC908LJ24 Datasheet
4Mb / 464P
M68HC08 Microcontrollers
MC68HC908QF4 FREESCALE-MC68HC908QF4 Datasheet
2Mb / 196P
M68HC08 Microcontrollers
MC68HC908JW32 FREESCALE-MC68HC908JW32_09 Datasheet
2Mb / 232P
M68HC08 Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_08 Datasheet
3Mb / 274P
M68HC08 Microcontrollers
MC908AS60ACFU FREESCALE-MC908AS60ACFU Datasheet
2Mb / 414P
M68HC08 Microcontrollers
logo
Motorola, Inc
MC68HC908QT4CPE MOTOROLA-MC68HC908QT4CPE Datasheet
3Mb / 192P
M68HC08 Microcontrollers
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com