Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4922-1 Datasheet (PDF) - Analog Devices

ADA4922-1 Datasheet PDF - Analog Devices
Part # ADA4922-1
Download  ADA4922-1 Download
File Size   425.19 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Voltage, Differential 18-Bit ADC Driver

ADA4922-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA4922-1 Datasheet PDF - Analog Devices

Part # ADA4922-1
Download  ADA4922-1 Click to download

File Size   425.19 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Voltage, Differential 18-Bit ADC Driver

ADA4922-1 Datasheet (HTML) - Analog Devices


ADA4922-1 Product details

GENERAL DESCRIPTION
The ADA4922-1 is a differential driver for 16-bit to 18-bit ADCs that have differential input ranges up to ±20 V. Configured as an easy-to-use, single-ended-to-differential amplifier, the ADA4922-1 requires no external components to drive ADCs. The ADA4922-1 provides essential benefits such as low distortion and high SNR that are required for driving ADCs with resolutions up to 18 bits.

FEATURES
Single-ended-to-differential conversion
Low distortion (VO, dm = 40 V p-p)
    −99 dBc HD at 100 kHz
Low differential output referred noise: 12 nV/√Hz
High input impedance: 11 MΩ
Fixed gain of 2
      No external gain components required
Low output-referred offset voltage: 1.1 mV max
Low input bias current: 3.5 μA max
Wide supply range
   5 V to 26 V
   Can produce differential output signals in excess of 40 V p-p 
High speed
   38 MHz, −3 dB bandwidth @ 0.2 V p-p differential output
Fast settling time
   200 ns to 0.01% for 12 V step on ±5 V supplies
Disable feature
Available in space-saving, thermally enhanced packages
   3 mm × 3 mm LFCSP
   8-lead SOIC_EP
Low supply current: IS = 10 mA on ±12 V supplies

APPLICATIONS
High voltage data acquisition systems
Industrial instrumentation
Spectrum analysis
ATE
Medical instruments




Similar Part No. - ADA4922-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4922-1 AD-ADA4922-1 Datasheet
868Kb / 32P
14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
ADA4922-1 AD-ADA4922-1 Datasheet
439Kb / 19P
High Voltage, Differential 18-Bit ADC Driver
Rev. A
ADA4922-1ACP-EBZ AD-ADA4922-1ACP-EBZ Datasheet
513Kb / 20P
High Voltage, Differential 18-Bit ADC Driver
REV. A
ADA4922-1ACP-EBZ AD-ADA4922-1ACP-EBZ Datasheet
439Kb / 19P
High Voltage, Differential 18-Bit ADC Driver
Rev. A
ADA4922-1ACPZ-R2 AD-ADA4922-1ACPZ-R2 Datasheet
513Kb / 20P
High Voltage, Differential 18-Bit ADC Driver
REV. A
More results


Similar Description - ADA4922-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7634BSTZ AD-AD7634BSTZ Datasheet
601Kb / 32P
18-Bit, 670 kSPS, Differential Programmable Input PulSAR짰 ADC
REV. B
ADA4941-1YRZ AD-ADA4941-1YRZ Datasheet
500Kb / 24P
Single-Supply, Differential 18-Bit ADC Driver
REV. C
AD7960 AD-AD7960 Datasheet
814Kb / 24P
18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
ADA4922-1 AD-ADA4922-1_15 Datasheet
425Kb / 20P
High Voltage, Differential 18-Bit ADC Driver
REV. 0
ADA4941-1 AD-ADA4941-1_15 Datasheet
696Kb / 25P
Single-Supply, Differential 18-Bit ADC Driver
REV. C
AD4003 AD-AD4003 Datasheet
1Mb / 34P
18-Bit, 2 MSPS Precision SAR Differential ADC
REV. 0
ADA4922-1 AD-ADA4922-1_16 Datasheet
513Kb / 20P
High Voltage, Differential 18-Bit ADC Driver
REV. A
ADA4941-1 AD-ADA4941-1_16 Datasheet
844Kb / 24P
Single-Supply, Differential, 18-Bit ADC Driver
Rev. D
LTC6409 AD-LTC6409 Datasheet
432Kb / 24P
Differential Amplifier/ADC Driver
logo
Texas Instruments
ADS9218 TI1-ADS9218 Datasheet
2Mb / 57P
ADS921x Dual, Simultaneous Sampling, 18-Bit, 10-MSPS SAR ADC With Fully Differential ADC Input Driver
JANUARY 2023
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com