Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4941-1YRZ Datasheet (PDF) - Analog Devices

ADA4941-1YRZ Datasheet PDF - Analog Devices
Part # ADA4941-1YRZ
Download  ADA4941-1YRZ Download
File Size   500.95 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single-Supply, Differential 18-Bit ADC Driver

ADA4941-1YRZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA4941-1YRZ Datasheet PDF - Analog Devices

Part # ADA4941-1YRZ
Download  ADA4941-1YRZ Click to download

File Size   500.95 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single-Supply, Differential 18-Bit ADC Driver

ADA4941-1YRZ Datasheet (HTML) - Analog Devices


ADA4941-1YRZ Product details

GENERAL DESCRIPTION

The ADA4941-1 is a low power, low noise differential driver for ADCs up to 18 bits in systems that are sensitive to power. The ADA4941-1 is configured in an easy-to-use, single-ended-to differential configuration and requires no external components for a gain of 2 configuration. A resistive feedback network can be added to achieve gains greater than 2. The ADA4941-1 provides essential benefits, such as low distortion and high SNR, that are required for driving high resolution ADCs.



FEATURES

Single-ended-to-differential converter

Excellent linearity

  Distortion −110 dBc @100 KHz for VO, dm = 2 V p-p

Low noise: 10.2 nV/√Hz, output-referred, G = 2

Extremely low power: 2.2 mA (3 V supply)

High input impedance: 24 MΩ

User-adjustable gain

High speed: 31 MHz, −3 dB bandwidth (G = +2)

Fast settling time: 300 ns to 0.005% for a 2 V step

Low offset: 0.8 mV max, output-referred, G = 2

Rail-to-rail output

Disable feature

Wide supply voltage range: 2.7 V to 12 V




Similar Part No. - ADA4941-1YRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4941-1YRZ AD-ADA4941-1YRZ Datasheet
844Kb / 24P
Single-Supply, Differential, 18-Bit ADC Driver
Rev. D
ADA4941-1YRZ AD-ADA4941-1YRZ Datasheet
658Kb / 23P
Single-Supply, Differential, 18-Bit ADC Driver
Rev. D
ADA4941-1YRZ-R7 AD-ADA4941-1YRZ-R7 Datasheet
844Kb / 24P
Single-Supply, Differential, 18-Bit ADC Driver
Rev. D
ADA4941-1YRZ-R7 AD-ADA4941-1YRZ-R7 Datasheet
658Kb / 23P
Single-Supply, Differential, 18-Bit ADC Driver
Rev. D
ADA4941-1YRZ-RL AD-ADA4941-1YRZ-RL Datasheet
844Kb / 24P
Single-Supply, Differential, 18-Bit ADC Driver
Rev. D
More results


Similar Description - ADA4941-1YRZ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1606 LINER-LTC1606 Datasheet
169Kb / 12P
16-Bit, 250ksps, Single Supply ADC
logo
Analog Devices
ADA4922-1 AD-ADA4922-1 Datasheet
425Kb / 20P
High Voltage, Differential 18-Bit ADC Driver
10/05-Revision 0
AD7960 AD-AD7960 Datasheet
814Kb / 24P
18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
ADA4922-1 AD-ADA4922-1_15 Datasheet
425Kb / 20P
High Voltage, Differential 18-Bit ADC Driver
REV. 0
ADA4941-1 AD-ADA4941-1_15 Datasheet
696Kb / 25P
Single-Supply, Differential 18-Bit ADC Driver
REV. C
logo
Linear Technology
LTC1606 LINER-LTC1606_15 Datasheet
205Kb / 16P
16-Bit, 250ksps, Single Supply ADC
LTC1411 LINER-LTC1411_15 Datasheet
232Kb / 16P
Single Supply 14-Bit 2.5Msps ADC
logo
Analog Devices
AD4003 AD-AD4003 Datasheet
1Mb / 34P
18-Bit, 2 MSPS Precision SAR Differential ADC
REV. 0
ADA4922-1 AD-ADA4922-1_16 Datasheet
513Kb / 20P
High Voltage, Differential 18-Bit ADC Driver
REV. A
ADA4941-1 AD-ADA4941-1_16 Datasheet
844Kb / 24P
Single-Supply, Differential, 18-Bit ADC Driver
Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com