Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADD8706 Datasheet (PDF) - Analog Devices

ADD8706 Datasheet PDF - Analog Devices
Part # ADD8706
Download  ADD8706 Download
File Size   1148.69 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16 V 5 1-Channel Operational Amplifier

ADD8706 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADD8706 Datasheet PDF - Analog Devices

Part # ADD8706
Download  ADD8706 Click to download

File Size   1148.69 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16 V 5 1-Channel Operational Amplifier

ADD8706 Datasheet (HTML) - Analog Devices


ADD8706 Product details

GENERAL DESCRIPTION
The ADD8706 is a single-supply, 5-channel buffer with a separate VCOM amplifier that has been optimized for today’s low cost TFT LCD notebook and monitor panels. The top and bottom channels swing to the top/bottom rails, respectively, and can be used as end-point gamma references. The middle channels are ideal for midpoint gamma references. The VCOM amplifier provides very high continuous and peak currents. All channels have excellent transient response as well as high slew rate and capacitive load drive capability. The ADD8706 is specified over the –40°C to +85°C temperature range. The ADD8706 is available in a 16-lead TSSOP package.

FEATURES
   Single-supply operation: 4.5 V to 16.5 V
   Upper/lower buffers swing to VS/GND
   Continuous output current: 35 mA
   VCOM peak output current: 250 mA
   Offset voltage: 15 mV
   Slew rate: 6 V/µs
   Unity gain stable with large capacitive loads
   Supply current: 750 µA per amplifier

APPLICATIONS
   TFT LCD monitor panels
   TFT LCD notebook panels
   Communications equipment
   Portable instrumentation
   Electronic games
   ADC/DAC buffer




Similar Part No. - ADD8706

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8706 AD-ADD8706 Datasheet
1Mb / 12P
16 V 5 1 Channel Operational Amplifier
REV. 0
ADD8706 AD-ADD8706_15 Datasheet
1Mb / 12P
16 V 5 1 Channel Operational Amplifier
REV. 0
More results


Similar Description - ADD8706

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
ELH0021K ELANTEC-ELH0021K Datasheet
240Kb / 8P
1 Amp Power Operational Amplifier
logo
Analog Devices
ADD8704 AD-ADD8704 Datasheet
546Kb / 16P
16 V Quad Operational Amplifier
ADA4665-2ARMZ AD-ADA4665-2ARMZ Datasheet
697Kb / 20P
16 V, 1 MHz, CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. 0
ADD8704 AD-ADD8704_15 Datasheet
552Kb / 16P
16 V Quad Operational Amplifier
REV. 0
ADD8706 AD-ADD8706_15 Datasheet
1Mb / 12P
16 V 5 1 Channel Operational Amplifier
REV. 0
logo
ON Semiconductor
LM321 ONSEMI-LM321 Datasheet
501Kb / 10P
Single Channel Operational Amplifier
November, 2015 ??Rev. 2
MC10E164 ONSEMI-MC10E164_16 Datasheet
154Kb / 8P
5V ECL 16:1 Multiplexer
July, 2016 ??Rev. 9
logo
Analog Devices
ADA4665-2 AD-ADA4665-2_16 Datasheet
667Kb / 21P
16 V, 1 MHz, CMOS Rail-to-Rail Input/Output Operational Amplifier
Rev. 0
logo
Texas Instruments
TMUX1208 TI1-TMUX1208_18 Datasheet
1Mb / 34P
5-V Bidirectional 8:1, 1-Channel Multiplexer, 5-V Bidirectional 4:1, 2-Channel Multiplexer
logo
Vishay Siliconix
132 VISHAY-132_V01 Datasheet
76Kb / 3P
1 5/16" (33.3 mm) Low Cost Industrial Single Turn Wirewound, Bushing Mount Type Potentiometer
12-Apr-13
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com