Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADD8704 Datasheet (PDF) - Analog Devices

ADD8704 Datasheet PDF - Analog Devices
Part # ADD8704
Download  ADD8704 Download
File Size   546.55 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16 V Quad Operational Amplifier

ADD8704 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADD8704 Datasheet PDF - Analog Devices

Part # ADD8704
Download  ADD8704 Click to download

File Size   546.55 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16 V Quad Operational Amplifier

ADD8704 Datasheet (HTML) - Analog Devices


ADD8704 Product details

GENERAL DESCRIPTION

The ADD8704 is a single-supply quad operational amplifier that has been optimized for today’s low cost TFT LCD notebook and monitor panels. Output channels A and D swing to the rail for use as end-point gamma references. Output channels B and C provide high continuous and peak current drive for use as VCOM or repair amplifiers; they can also be used as midpoint gamma references. All four amplifiers have excellent transient response and have high slew rate and capacitive load drive capability. The ADD8704 is specified over the –40°C to +85°C temperature range and is available in either a 14-lead TSSOP or a 16-lead LFCSP package for thin, portable applications.



FEATURES

  Single-supply operation: 4.5 V to 16.5 V

  Upper/lower buffers swing to VDD/GND

  Continuous output current: 35 mA

  VCOM peak output current: 250 mA

  Offset voltage: 15 mV

  Slew rate: 6 V/µs

  Unity gain stable with large capacitive loads

  Supply current: 700 µA per amplifier

  Drop-in replacement for EL5420



APPLICATIONS

  TFT LCD monitor panels

  TFT LCD notebook panels

  Communications equipment

  Portable instrumentation

  Electronic games



 




Similar Part No. - ADD8704

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8704 AD-ADD8704 Datasheet
552Kb / 16P
16 V Quad Operational Amplifier
REV. 0
ADD8704 AD-ADD8704_15 Datasheet
552Kb / 16P
16 V Quad Operational Amplifier
REV. 0
More results


Similar Description - ADD8704

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2058 NJRC-NJM2058 Datasheet
226Kb / 6P
QUAD OPERATIONAL AMPLIFIER
NJM2060 NJRC-NJM2060 Datasheet
231Kb / 6P
QUAD OPERATIONAL AMPLIFIER?
NJM2112 NJRC-NJM2112 Datasheet
218Kb / 5P
QUAD OPERATIONAL AMPLIFIER
logo
Rohm
BA14741 ROHM-BA14741 Datasheet
50Kb / 4P
Quad operational amplifier
logo
fujitsu semiconductor
MB3614 FUJITSU-MB3614 Datasheet
89Kb / 7P
QUAD OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17301P HITACHI-HA17301P Datasheet
61Kb / 14P
Quad Operational Amplifier
HA17474 HITACHI-HA17474 Datasheet
31Kb / 5P
Quad Operational Amplifier
logo
Analog Devices
ADD8704 AD-ADD8704_15 Datasheet
552Kb / 16P
16 V Quad Operational Amplifier
REV. 0
logo
First Silicon Co., Ltd
FA324P FS-FA324P Datasheet
124Kb / 4P
QUAD OPERATIONAL AMPLIFIER
logo
Silicon Supplies
LM324A SS-LM324A Datasheet
1Mb / 6P
Quad Operational Amplifier
Rev 1.0 16/06/18
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com