Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADD8704 Datasheet(PDF) 1 Page - Analog Devices

Part # ADD8704
Description  16 V Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8704 Datasheet(HTML) 1 Page - Analog Devices

  ADD8704 Datasheet HTML 1Page - Analog Devices ADD8704 Datasheet HTML 2Page - Analog Devices ADD8704 Datasheet HTML 3Page - Analog Devices ADD8704 Datasheet HTML 4Page - Analog Devices ADD8704 Datasheet HTML 5Page - Analog Devices ADD8704 Datasheet HTML 6Page - Analog Devices ADD8704 Datasheet HTML 7Page - Analog Devices ADD8704 Datasheet HTML 8Page - Analog Devices ADD8704 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
16 V Quad
Operational Amplifier
ADD8704
FEATURES
Single-supply operation: 4.5 V to 16.5 V
Upper/lower buffers swing to VDD/GND
Continuous output current: 35 mA
VCOM peak output current: 250 mA
Offset voltage: 15 mV
Slew rate: 6 V/µs
Unity gain stable with large capacitive loads
Supply current: 700 µA per amplifier
Drop-in replacement for EL5420
APPLICATIONS
TFT LCD monitor panels
TFT LCD notebook panels
Communications equipment
Portable instrumentation
Electronic games
GENERAL DESCRIPTION
The ADD8704 is a single-supply quad operational amplifier that
has been optimized for today’s low cost TFT LCD notebook and
monitor panels. Output channels A and D swing to the rail for
use as end-point gamma references. Output channels B and C
provide high continuous and peak current drive for use as VCOM
or repair amplifiers; they can also be used as midpoint gamma
references. All four amplifiers have excellent transient response
and have high slew rate and capacitive load drive capability. The
ADD8704 is specified over the –40°C to +85°C temperature
range and is available in either a 14-lead TSSOP or a 16-lead
LFCSP package for thin, portable applications.
Table 1. Input/Output Characteristics
Channel
VIH
VIL
IO (mA)
ISC (mA)
A
VDD – 1.7 V
GND
15
150
B
VDD – 1.7 V
GND
35
250
C
VDD
GND
35
250
D
VDD
GND + 1.7 V
15
150
Rev. 0
PIN CONFIGURATIONS
1
2
3
4
5
6
7
14
13
12
11
10
9
8
ADD8704
OUT B
–IN B
+IN B
V+
V–
+IN A
–IN A
OUT A
OUT C
–IN C
+IN C
+IN D
–IN D
OUT D
+–
+–
+–
+–
Figure 1. 14-Lead TSSOP (RU Suffix)
12
–IN D
11
+IN D
10
V–
9
+IN C
–IN A 1
+IN A 2
V+ 3
+IN B 4
ADD8704
TOP VIEW
Figure 2. 16-Lead CSP (CP Suffix)
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2003 Analog Devices, Inc. All rights reserved.


Similar Part No. - ADD8704

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8704 AD-ADD8704 Datasheet
552Kb / 16P
16 V Quad Operational Amplifier
REV. 0
ADD8704 AD-ADD8704_15 Datasheet
552Kb / 16P
16 V Quad Operational Amplifier
REV. 0
More results

Similar Description - ADD8704

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2058 NJRC-NJM2058 Datasheet
226Kb / 6P
QUAD OPERATIONAL AMPLIFIER
NJM2060 NJRC-NJM2060 Datasheet
231Kb / 6P
QUAD OPERATIONAL AMPLIFIER?
NJM2112 NJRC-NJM2112 Datasheet
218Kb / 5P
QUAD OPERATIONAL AMPLIFIER
logo
Rohm
BA14741 ROHM-BA14741 Datasheet
50Kb / 4P
Quad operational amplifier
logo
fujitsu semiconductor
MB3614 FUJITSU-MB3614 Datasheet
89Kb / 7P
QUAD OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17301P HITACHI-HA17301P Datasheet
61Kb / 14P
Quad Operational Amplifier
HA17474 HITACHI-HA17474 Datasheet
31Kb / 5P
Quad Operational Amplifier
logo
Analog Devices
ADD8704 AD-ADD8704_15 Datasheet
552Kb / 16P
16 V Quad Operational Amplifier
REV. 0
logo
First Silicon Co., Ltd
FA324P FS-FA324P Datasheet
124Kb / 4P
QUAD OPERATIONAL AMPLIFIER
logo
Silicon Supplies
LM324A SS-LM324A Datasheet
1Mb / 6P
Quad Operational Amplifier
Rev 1.0 16/06/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com