Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7020-1 Datasheet (PDF) - Analog Devices

ADF7020-1 Datasheet PDF - Analog Devices
Part # ADF7020-1
Download  ADF7020-1 Download
File Size   780.75 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance FSK/ASK Transceiver IC

ADF7020-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADF7020-1 Datasheet PDF - Analog Devices

Part # ADF7020-1
Download  ADF7020-1 Click to download

File Size   780.75 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance FSK/ASK Transceiver IC

ADF7020-1 Datasheet (HTML) - Analog Devices


ADF7020-1 Product details

GENERAL DESCRIPTION

The ADF7020-1 is a low power, highly integrated FSK/GFSK/ASK/OOK/GOOK transceiver designed for operation in the low UHF and VHF bands. The ADF7020-1 uses an external VCO inductor that allows users to set the operating frequency anywhere between 135 MHz and 650 MHz.



FEATURES

Low power, low IF transceiver

Frequency bands

  135 MHz to 650 MHz, direct output

  80 MHz to 325 MHz, divide-by-2 mode

Data rates supported

  0.15 kbps to 200 kbps, FSK

  0.15 kbps to 64 kbps, ASK

  2.3 V to 3.6 V power supply

Programmable output power

  −20 dBm to +13 dBm in 63 steps

Receiver sensitivity

  −119 dBm at 1 kbps, FSK, 315 MHz

  −114 dBm at 9.6 kbps, FSK, 315 MHz

  −111.8 dBm at 9.6 kbps, ASK, 315 MHz

Low power consumption

  17.6 mA in receive mode

  21 mA in transmit mode (10 dBm output)

On-chip VCO and fractional-N PLL

On-chip 7-bit ADC and temperature sensor

Fully automatic frequency control loop (AFC) compensat for lower tolerance crystals

Digital RSSI

Integrated TRx switch

Leakage current <1 μA in power-down mode



APPLICATIONS

Low cost wireless data transfer

Wireless medical applications

Remote control/security systems

Wireless metering

Keyless entry

Home automation

Process and building control




Similar Part No. - ADF7020-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7020-1 AD-ADF7020-1_15 Datasheet
781Kb / 48P
High Performance FSK/ASK Transceiver IC
REV. 0
More results


Similar Description - ADF7020-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
High Performance ISM Band FSK/ASK Transceiver IC
ADF7010 AD-ADF7010 Datasheet
561Kb / 20P
High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV.0
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
High Performance ISM Band ASK/FSK Transmitter IC
Jan-2005
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7010 AD-ADF7010_15 Datasheet
615Kb / 20P
High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7020 AD-ADF7020_15 Datasheet
719Kb / 48P
High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020-1 AD-ADF7020-1_15 Datasheet
781Kb / 48P
High Performance FSK/ASK Transceiver IC
REV. 0
logo
ON Semiconductor
AX5243 ONSEMI-AX5243_16 Datasheet
411Kb / 42P
Advanced High Performance ASK and FSK Narrow-band Transceiver
May, 2016 ??Rev. 3
logo
AUREL S.p.A.
650201420G AUREL-650201420G Datasheet
84Kb / 1P
Low cost & high performance 434 MHZ ASK/FSK TRANSCEIVER
15.10.2016 - Rev A
650201424G AUREL-650201424G Datasheet
138Kb / 1P
Low cost & high performance 868 MHZ ASK/FSK TRANSCEIVER
15.10.2016 - Rev A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com