Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7020 Datasheet (PDF) - Analog Devices

ADF7020 Datasheet PDF - Analog Devices
Part # ADF7020
Download  ADF7020 Download
File Size   797.78 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance ISM Band FSK/ASK Transceiver IC

ADF7020 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADF7020 Datasheet PDF - Analog Devices

Part # ADF7020
Download  ADF7020 Click to download

File Size   797.78 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance ISM Band FSK/ASK Transceiver IC

ADF7020 Datasheet (HTML) - Analog Devices


ADF7020 Product details

GENERAL DESCRIPTION

The ADF7020 is a low power, highly integrated FSK/ASK/OOK transceiver designed for operation in the license-free ISM bands at 433 MHz, 868 MHz, and 915 MHz, as well as the proposed Japanese RFID band at 950 MHz.



FEATURES

Low power, low IF transceiver

Frequency bands

  431 MHz to 478 MHz

  862 MHz to 956 MHz

Data rates supported

  0.15 kbps to 200 kbps, FSK

  0.15 kbps to 64 kbps, ASK

2.3 V to 3.6 V power supply

Programmable output power

  −16 dBm to +13 dBm in 0.3 dBm steps

Receiver sensitivity

  −119 dBm at 1 kbps, FSK

  −112 dBm at 9.6 kbps, FSK

  −106.5 dBm at 9.6 kbps, ASK

Low power consumption

  19 mA in receive mode

  26.8 mA in transmit mode (10 dBm output)

  −3 dBm IIP3 in high linearity mode

On-chip VCO and fractional-N PLL

On-chip 7-bit ADC and temperature sensor

Fully automatic frequency control loop (AFC) compensates for ±25 ppm crystal at 862 MHz to 956 MHz or ±50 ppm at 431 MHz to 478 MHz

Digital RSSI

Integrated Tx/Rx switch

Leakage current of <1 µA in power-down mode



APPLICATIONS

Low cost wireless data transfer

Remote control/security systems

Wireless metering

Keyless entry

Home automation

Process and building control

Wireless voice




Similar Part No. - ADF7020

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7020 AD-ADF7020 Datasheet
122Kb / 5P
Low Power, Long Range, ISM Wireless Measuring Node
REV. A
ADF7020-1 AD-ADF7020-1 Datasheet
780Kb / 48P
High Performance FSK/ASK Transceiver IC
12/05-Revision 0
ADF7020-1BCPZ AD-ADF7020-1BCPZ Datasheet
780Kb / 48P
High Performance FSK/ASK Transceiver IC
12/05-Revision 0
ADF7020-1BCPZ-RL AD-ADF7020-1BCPZ-RL Datasheet
780Kb / 48P
High Performance FSK/ASK Transceiver IC
12/05-Revision 0
ADF7020-1BCPZ-RL7 AD-ADF7020-1BCPZ-RL7 Datasheet
780Kb / 48P
High Performance FSK/ASK Transceiver IC
12/05-Revision 0
More results


Similar Description - ADF7020

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7010 AD-ADF7010 Datasheet
561Kb / 20P
High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV.0
ADF7011 AD-ADF7011 Datasheet
567Kb / 24P
High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV.0
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
High Performance ISM Band ASK/FSK Transmitter IC
Jan-2005
ADF7020-1 AD-ADF7020-1 Datasheet
780Kb / 48P
High Performance FSK/ASK Transceiver IC
12/05-Revision 0
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7010BRUZ AD-ADF7010BRUZ Datasheet
615Kb / 20P
High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010_15 Datasheet
615Kb / 20P
High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011_15 Datasheet
573Kb / 24P
High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7020 AD-ADF7020_15 Datasheet
719Kb / 48P
High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020-1 AD-ADF7020-1_15 Datasheet
781Kb / 48P
High Performance FSK/ASK Transceiver IC
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com