Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7011 Datasheet (PDF) - Analog Devices

ADF7011 Datasheet PDF - Analog Devices
Part # ADF7011
Download  ADF7011 Download
File Size   567.63 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance ISM Band ASK/FSK/GFSK Transmitter IC

ADF7011 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADF7011 Datasheet PDF - Analog Devices

Part # ADF7011
Download  ADF7011 Click to download

File Size   567.63 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance ISM Band ASK/FSK/GFSK Transmitter IC

ADF7011 Datasheet (HTML) - Analog Devices


ADF7011 Product details

GENERAL DESCRIPTION
The ADF7011 is a low power OOK/ASK/FSK/GFSK UHF transmitter designed for use in ISM band systems. It contains and integrated VCO and Σ-∆ fractional-N PLL. The output power, channel spacing, and output frequency are programmable with four 24-bit registers. The fractional-N PLL enables the user to select any channel frequency within the European 433 MHz and 868 MHz bands, allowing the use of the ADF7011 in frequency hopping systems. The fractional-N also allows the transmitter to operate in the less congested sub-bands of the 868 MHz to 870 MHz SRD band.

FEATURES
   Single Chip Low Power UHF Transmitter
   Frequency Band
      433 MHz to 435 MHz
      868 MHz to 870 MHz
   On-Chip VCO and Fractional-N PLL
   2.3 V to 3.6 V Supply Voltage
   Programmable Output Power
      –16 dBm to +12 dBm, 0.3 dB Steps
   Data Rates up to 76.8 kbps
   Low Current Consumption
      29 mA at +10 dBm at 433.92 MHz
   Power-Down Mode (<1 μA)
   24-Lead TSSOP Package Hooks to External VCO for
      < 1.4 GHz Operation

APPLICATIONS
   Low Cost Wireless Data Transfer
   Wireless Metering
   Remote Control/Security Systems
   Keyless Entry




Similar Part No. - ADF7011

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7011 AD-ADF7011_15 Datasheet
573Kb / 24P
High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
More results


Similar Description - ADF7011

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
High Performance ISM Band FSK/ASK Transceiver IC
ADF7010 AD-ADF7010 Datasheet
561Kb / 20P
High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV.0
ADF7012 AD-ADF7012 Datasheet
772Kb / 28P
Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
10/04-Revision 0
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
High Performance ISM Band ASK/FSK Transmitter IC
Jan-2005
ADF7012BRUZ AD-ADF7012BRUZ Datasheet
937Kb / 28P
Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7010BRUZ AD-ADF7010BRUZ Datasheet
615Kb / 20P
High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010_15 Datasheet
615Kb / 20P
High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011_15 Datasheet
573Kb / 24P
High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7020 AD-ADF7020_15 Datasheet
719Kb / 48P
High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com