Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7012 Datasheet (PDF) - Analog Devices

ADF7012 Datasheet PDF - Analog Devices
Part # ADF7012
Download  ADF7012 Download
File Size   772.47 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter

ADF7012 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADF7012 Datasheet PDF - Analog Devices

Part # ADF7012
Download  ADF7012 Click to download

File Size   772.47 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter

ADF7012 Datasheet (HTML) - Analog Devices


ADF7012 Product details

GENERAL DESCRIPTION

The ADF7012 is a low power FSK/GFSK/OOK/GOOK/ASK UHF transmitter designed for short-range devices (SRDs). The output power, output channels, deviation frequency, and mod ulation type are programmable by using four, 32-bit registers. The fractional-N PLL and VCO with external inductor enable the user to select any frequency in the 75 MHz to 1 GHz band. The fast lock times of the fractional-N PLL make the ADF7012 suitable in fast frequency hopping systems. The fine frequency

deviations available and PLL phase noise performance facilitates narrow-band operation.



FEATURES

Single-chip, low power UHF transmitter

75 MHz to 1 GHz frequency operation

Multichannel operation using fractional-N PLL

2.3 V to 3.6 V operation

On-board regulator

Programmable output power

   −16 dBm to +14 dBm, 0.4 dB steps

Data rates: dc to 179.2 kbps

Low current consumption

   868 MHz, 10 dBm, 21 mA

   433 MHz, 10 dBm, 17 mA

   315 MHz, 0 dBm, 10 mA

Programmable low battery voltage indicator

24-lead TSSOP




Similar Part No. - ADF7012

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7012BRU AD-ADF7012BRU Datasheet
937Kb / 28P
Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
ADF7012BRU-REEL AD-ADF7012BRU-REEL Datasheet
937Kb / 28P
Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
ADF7012BRU-REEL7 AD-ADF7012BRU-REEL7 Datasheet
937Kb / 28P
Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
ADF7012BRUZ AD-ADF7012BRUZ Datasheet
937Kb / 28P
Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
ADF7012BRUZ-RL AD-ADF7012BRUZ-RL Datasheet
937Kb / 28P
Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
More results


Similar Description - ADF7012

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7010 AD-ADF7010 Datasheet
561Kb / 20P
High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV.0
ADF7011 AD-ADF7011 Datasheet
567Kb / 24P
High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV.0
logo
Micrel Semiconductor
MICRF405 MICREL-MICRF405 Datasheet
653Kb / 46P
290MHz-980MHz ISM Band ASK / FSK Transmitter
logo
Analog Devices
ADF7901 AD-ADF7901_06 Datasheet
171Kb / 12P
High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7012BRUZ AD-ADF7012BRUZ Datasheet
937Kb / 28P
Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
ADF7010BRUZ AD-ADF7010BRUZ Datasheet
615Kb / 20P
High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010_15 Datasheet
615Kb / 20P
High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011_15 Datasheet
573Kb / 24P
High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7901 AD-ADF7901_15 Datasheet
171Kb / 12P
High Performance ISM Band OOK/FSK Transmitter IC
REV. A
logo
ON Semiconductor
NCV53480 ONSEMI-NCV53480 Datasheet
542Kb / 60P
Low-Power OOK/FSK/ASK ISM Band Transceiver
August, 2013 ??Rev. 6
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com