Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7012 Datasheet(PDF) 9 Page - Analog Devices

Part # ADF7012
Description  Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7012 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF7012 Datasheet HTML 5Page - Analog Devices ADF7012 Datasheet HTML 6Page - Analog Devices ADF7012 Datasheet HTML 7Page - Analog Devices ADF7012 Datasheet HTML 8Page - Analog Devices ADF7012 Datasheet HTML 9Page - Analog Devices ADF7012 Datasheet HTML 10Page - Analog Devices ADF7012 Datasheet HTML 11Page - Analog Devices ADF7012 Datasheet HTML 12Page - Analog Devices ADF7012 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ADF7012
Rev. 0 | Page 9 of 28
433 MHZ
1 2.00V/
2
1
2 1.00V/
1.50ms
720mv
500
µs TRIG'D 1
CLKOUT
CE
Figure 10. Crystal Power-On Time, 4 MHz, Time = 1.6 ms
PHASE NOISE (Hz)
–40
–60
–80
–100
–120
–140
–160
–180
–200
1.0k
10.0k
100.0k
1.0M
10.0M
= NORMAL
FREQUENCY = 393.38 kHz
LEVEL = –102.34dBc/Hz
Figure 11. Phase Noise Response—ICP = 2.0 mA, IVCO = 2.0 mA,
RFOUT = 433.92 MHz, PFD = 4 MHz, PA Bias = 5.5 mA
15
–10
0
10
–40
–30
–20
–60
–70
–80
–50
–85
1MA
1
START 433.05MHz
174kHz/
STOP 434.79kHz
REF LVL
15dBm
5.60dBm
433.91158317MHz
40dB
dBm
RF ATT
UNIT
10kHz
300kHz
44ms
RBW
VBW
SWT
A
D1 –36dBm
Figure 12. FSK Modulation, Power = 10 dBm, Data Rate = 38.4 kbps, FDEVIATION
= ±19.28 kHz
15
–10
0
10
–40
–30
–20
–60
–70
–80
–50
–85
1MA
1
CENTER 433.9500601MHz 3.2MHz/
SPAN 32MHz
REF LVL
15dBm
10.01dBm
433.91158317MHz
40dB
dBm
RF ATT
UNIT
30kHz
30kHz
90ms
RBW
VBW
SWT
A
D1 –36dBm
Figure 13. Spurious Components—Meets ETSI Specs
15
–10
0
10
–40
–30
–20
–60
–70
–80
–50
–85
1MA
1
CENTER 3.5GHz
700MHz/
SPAN 7GHz
REF LVL
15dBm
10.10dBm
434.86973948MHz
40dB
dBm
RF ATT
UNIT
1MHz
1MHz
17.5ms
RBW
VBW
SWT
A
D1 –36dBm
D1 –30dBm
2
3
4
2 [T1]
1 [T1]
10.10dBm
434.86973948MHz
–15.25dBm
869.73947896MHz
3 [T1]
4 [T1]
–5.12dBm
1.30460922GHz
–17.57dBm
1.73947896GHz
Figure 14. Harmonic Response, RFOUT Matched to 50
Ω, No Filter
15
–10
0
10
–40
–30
–20
–60
–70
–80
–50
–85
1MA
SGL
1
CENTER 3.5GHz
700MHz/
SPAN 7GHz
REF LVL
15dBm
9.51dBm
434.86973948MHz
40dB
dBm
RF ATT
UNIT
1MHz
1MHz
17.5ms
RBW
VBW
SWT
A
D1 –36dBm
D1 –30dBm
2
3
4
2 [T1]
1 [T1]
9.51dBm
434.86973948MHz
–33.75dBm
869.73947896MHz
3 [T1]
4 [T1]
–43.60dBm
1.30460922GHz
–43.44dBm
1.73947896GHz
Figure 15. Harmonic Response, Fifth-Order Butterworth Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com