Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7012 Datasheet(PDF) 16 Page - Analog Devices

Part # ADF7012
Description  Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7012 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADF7012 Datasheet HTML 12Page - Analog Devices ADF7012 Datasheet HTML 13Page - Analog Devices ADF7012 Datasheet HTML 14Page - Analog Devices ADF7012 Datasheet HTML 15Page - Analog Devices ADF7012 Datasheet HTML 16Page - Analog Devices ADF7012 Datasheet HTML 17Page - Analog Devices ADF7012 Datasheet HTML 18Page - Analog Devices ADF7012 Datasheet HTML 19Page - Analog Devices ADF7012 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ADF7012
Rev. 0 | Page 16 of 28
OUTPUT DIVIDER
An output divider is a programmable divider following the
VCO in the PLL loop. It is useful when using the ADF7012 to
generate frequencies of < 500 MHz.
PFD
CP
PA
OUTPUT
DIVIDER
LOOP
FILTER
REFERENCE
DIVIDER
÷N
÷1/2/4/8
VCO
Figure 35. Output Divider Location in PLL.
The output divider may be used to reduce feedthrough of the
VCO by amplifying only the VCO/2 component, restricting the
VCO feedthrough to leakage.
Because the divider is in loop, the N register values should be
set up according to the usual formula. However, the VCO gain
(KV) should be scaled according to the divider setting, as shown
in the following example.
Fout = 433 MHz, Fvco = 866 MHz, KV @ 868 MHz =
60 MHz/V
Therefore, KV for loop filter design = 30 MHz/V.
The divider value is set in the R register.
Table 5.
OD1
OD2
Divider Status
0
0
Divider off
0
1
Divide by 2
1
0
Divide by 4
1
1
Divide by 8
MUXOUT MODES
The MUXOUT pin allows the user access to various internal
signals in the transmitter, and provides information on the
PLL lock status, the regulator, and the battery voltage. The
MUXOUT is accessed by programming Bits M1 to M4 in the
function register and observing the signal at the MUXOUT pin.
Battery Voltage Read back
By setting MUXOUT to 1010 to 1101, the battery voltage can be
estimated. The battery measuring circuit features a voltage
divider and a comparator where the divided-down supply
voltage is compared to the regulator voltage.
Table 6.
MUXOUT
MUXOUT High
MUXOUT Low
1010
DVDD > 3.25 V
DVDD < 3.25 V
1011
DVDD > 3.0 V
DVDD < 3.0 V
1100
DVDD > 2.75 V
DVDD < 2.75 V
1101
DVDD > 2.35 V
DVDD < 2.35 V
The accuracy of the measurement is limited by the accuracy of
the regulator voltage and also the internal resistor tolerances.
Regulator Ready
The regulator has a power-up time, dependant on process and
the external capacitor. The regulator ready signal indicates that
the regulator is fully powered, and that the serial interface is
active. This is the default setting on power-up at MUXOUT.
Digital Lock Detect
Digital lock detect indicates that the status of the PLL loop.
The PLL loop takes time to settle on power-up and when the
frequency of the loop is changed by changing the N value.
When lock detect is high, the PFD has counted a number of
consecutive cycles where the phase error is < 15 ns. The lock
detect precision bit in the function register determines whether
this is 3 cycles (LDP = 0), or 5 cycles (LDP=1). It is recom-
mended that LDP be set to 1. The lock detect is not completely
accurate and goes high before the output has settled to exactly
the correct frequency. In general, add 50% to the indicated
lock time to obtain lock time to within 1 kHz. The lock detect
signal can be used to decide when the power amplifier (PA)
should be enabled.
R Divider
MUXOUT provides the output of the R divider. This is a
narrow pulsed digital signal at frequency FPFD. This signal may
be used to check the operation of the crystal circuit and the R
divider. R divider/2 is a buffered version of this signal at FPFD/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com