Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7012 Datasheet(PDF) 23 Page - Analog Devices

Part # ADF7012
Description  Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7012 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADF7012 Datasheet HTML 19Page - Analog Devices ADF7012 Datasheet HTML 20Page - Analog Devices ADF7012 Datasheet HTML 21Page - Analog Devices ADF7012 Datasheet HTML 22Page - Analog Devices ADF7012 Datasheet HTML 23Page - Analog Devices ADF7012 Datasheet HTML 24Page - Analog Devices ADF7012 Datasheet HTML 25Page - Analog Devices ADF7012 Datasheet HTML 26Page - Analog Devices ADF7012 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
ADF7012
Rev. 0 | Page 23 of 28
915 MHZ OPERATION
The recommendations here are guidelines only. The design
should be subject to internal testing prior to FCC site testing.
Matching components need to be adjusted for board layout.
FCC 15.247 and FCC 15.249 are the main regulations governing
operation in the 902 MHz to 928 MHz Band. FCC 15.247
requires some form of spectral spreading. Typically, the
ADF7012 would be used in conjunction with the frequency
hopping spread spectrum (FHSS) or it may be used in
conjunction with the digital modulation standard which
requires large deviation frequencies. Output power of < 1 W
is tolerated on certain spreading conditions.
Compliance with FCC 15.249 limits the output power to
−1.5 dBm, but does not require spreading. There are many
different applications in this band, including remote controls
for security, sensor interrogation, metering, and home control.
Design Criteria
915.2MHz center frequency
FSK modulation
10 dBm output power
200 m range
Meets FCC 15.247
38.4 kbps data rate
The center frequency is 915.2 MHz. It is possible to operate
the VCO at this frequency. Figure 36 shows the inductor value
vs. center frequency. The inductor chosen is 1.6 nH. Coilcraft
inductors such as 0603-CS-1N6XJBU are recommended.
Additional hopping frequencies can easily be generated by
changing the N value.
Crystal and PFD
The phase noise requirement is such to ensure that the 20 dB
bandwidth requirements are met. These are dependant on the
channel spacing chosen. A typical channel spacing would be
400 kHz, which would allow 50 channels in 20 MHz and enable
the design to avoid the edges of the band.
The PFD is chosen so as to minimize spurious levels. There are
beat note spurious levels at 910 MHz and 920 MHz, but the
level is usually significantly less than the modulation power.
They are also attenuated quickly by the loop filter to ensure a
quick crystal power-up time.
PFD = 10 MHz − Power-Up Time 1.8 ms (approximately).
Figure 10 shows a typical power-on time for a 4 MHz crystal.
N-Divider
The N divider is determined as being:
Nint = 91
Nfrac = (2130)/4096
VCO divide-by-2 is not enabled
Deviation
The deviation is set to ±19.2 kHz so as to accommodate a
simple receiver architecture, and also to ensure the available
spectrum is used efficiently.
The modulation steps available are in 10 MHz/214 :
Modulation steps = 610 Hz
Modulation number = 19.2 kHz/610 Hz = 31.
Bias Current
Because low current is desired, a 3 mA VCO bias can be used
and still ensure oscillation at 928 MHz. Additional bias current
reduces any spurious noise, but increases current consumption.
A 3 mA bias current gives the best spurious vs. phase noise
trade-off.
The PA bias should be set to 5.5 mA to achieve 10 dBm power.
Loop Filter Bandwidth
The loop filter is designed with ADIsimPLL Version 2.5. A
data rate of 170 kHz is chosen, which allows for data rates of
> 38.4 kbps. It also attenuates the beat note spurs quickly to
ensure they have no effect on system performance.
Design of Harmonic Filter
The main requirement of the harmonic filter should ensure
that the third harmonic level is < −41.5 dBm. A fifth-order
Chebyshev filter is recommended to achieve this, and a
suggested starting point is given next. The Pi format is chosen
to minimize the number of inductors in the system.
Component Values—Crystal: 10 MHz
Loop Filter
Icp
1.44 mA
LBW
170 kHz
C1
470 pF
C2
12 nF
C3
120 pF
R1
470 V
R2
1.8 kV
Matching
L1
27 nH
L2
6.2 nH
C14
470 pF
C15
Open
Harmonic Filter
L4
8.2 nH
L5
8.2 nH
CF1
4.7 pF
CF2
6.8 pF
CF3
4.7 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com