Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7012 Datasheet(PDF) 28 Page - Analog Devices

Part # ADF7012
Description  Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7012 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADF7012 Datasheet HTML 20Page - Analog Devices ADF7012 Datasheet HTML 21Page - Analog Devices ADF7012 Datasheet HTML 22Page - Analog Devices ADF7012 Datasheet HTML 23Page - Analog Devices ADF7012 Datasheet HTML 24Page - Analog Devices ADF7012 Datasheet HTML 25Page - Analog Devices ADF7012 Datasheet HTML 26Page - Analog Devices ADF7012 Datasheet HTML 27Page - Analog Devices ADF7012 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
ADF7012
Rev. 0 | Page 28 of 28
OUTLINE DIMENSIONS
24
13
12
1
6.40 BSC
4.50
4.40
4.30
PIN 1
7.90
7.80
7.70
0.15
0.05
0.30
0.19
0.65
BSC
1.20
MAX
0.20
0.09
0.75
0.60
0.45
8°
0°
SEATING
PLANE
0.10 COPLANARITY
COMPLIANT TO JEDEC STANDARDS MO-153AD
Figure 45. 24-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-24)
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Frequency Range
ADF7012BRU
−40°C to +85°C
TSSOP
RU-24
50 MHz to 1 GHz
ADF7012BRU-REEL
−40°C to +85°C
TSSOP, 13”REEL
RU-24
50 MHz to 1 GHz
ADF7012BRU-REEL7
−40°C to +85°C
TSSOP, 7” REEL
RU-24
50 MHz to 1 GHz
EVAL-ADF7012EB1
Evaluation Board
902 MHz to 928 MHz
EVAL-ADF7012EB2
Evaluation Board
860 MHz to 880 MHz
EVAL-ADF7012EB3
Evaluation Board
418 MHz to 435 MHz
EVAL-ADF7012EB4
Evaluation Board
310 MHz to 330 MHz
EVAL-ADF7012EB5
Evaluation Board
50 MHz to 1 GHz
© 2004 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D04617–0–10/04(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com