Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7012 Datasheet(PDF) 18 Page - Analog Devices

Part # ADF7012
Description  Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7012 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADF7012 Datasheet HTML 14Page - Analog Devices ADF7012 Datasheet HTML 15Page - Analog Devices ADF7012 Datasheet HTML 16Page - Analog Devices ADF7012 Datasheet HTML 17Page - Analog Devices ADF7012 Datasheet HTML 18Page - Analog Devices ADF7012 Datasheet HTML 19Page - Analog Devices ADF7012 Datasheet HTML 20Page - Analog Devices ADF7012 Datasheet HTML 21Page - Analog Devices ADF7012 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
ADF7012
Rev. 0 | Page 18 of 28
Setting Tuning Sensitivity Value
The tuning sensitivity or kV is usually denoted in MHz/V and is
required for the loop filter design. It refers to the amount that a
change of a volt in the voltage applied to VCOIN pin, changes
the output frequency. Typical data for the ADF7012 over a
frequency range is shown.
FREQUENCY (MHz)
120
100
60
80
40
20
0
200
400
300
600
500
800
900
1000
700
1100
Figure 37. kV vs. VCO Frequency
Charge-Pump Current
The charge-pump current allows the loop filter bandwidth to be
changed using the registers. The loop bandwidth reduces as the
charge pump current is reduced and vice versa.
Selecting Loop Filter Bandwidth
Data Rate
The loop filter bandwidth should usually be at two to three
times the data rate. This ensures that the PLL has ample time
to jump between the mark and space frequencies.
ACP
In the case where the ACP specifications are difficult to meet,
the loop filter bandwidth can be reduced further to reduce the
phase noise at the adjacent channel. The filter rolls off at 20 dB
per decade.
Spurious Levels
In the case where the output power is quite high, a reduced loop
filter bandwidth reduces the spurious levels even further, and
provides additional margin on the specification.
The following sections provide examples of loop filter designs
for typical applications in specific frequencies.
PA MATCHING
The ADF7012 exhibits optimum performance in terms of
transmit power and current consumption only if the RF output
port is properly matched to the antenna impedance.
ZOPT_PA depends primarily on the required output power,
and the frequency range. Selecting the optimum ZOPT_PA
helps to minimize the current consumption. This data sheet
contains a number of matching networks for common
frequency bands. Under certain conditions it is recommended
to obtain a suitable ZOPT_PA value by means of a load-pull
measurement.
ANTENNA
LPF
RFOUT
ZOPT_PA
PA
DVDD
Figure 38. ADF7012 with Harmonic Filter
The impedance matching values provided in the next section
are for 50 Ω environments. An additional matching network
may be required after the harmonic filter to match to the
antenna impedance. This can be incorporated into the filter
design itself in order to reduce external components.
TRANSMIT PROTOCOL AND CODING
CONSIDERATIONS
PREAMBLE
SYNC
WORD
ID
FIELD
DATA FIELD
CRC
Figure 39. Typical Format of a Transmit Protocol
A dc-free preamble pattern such as 10101010… is recom-
mended for FSK/ASK/OOK demodulation. Preamble patterns
with longer run-length constraints such as 11001100…. can also
be used. However, this can result in a longer synchronization
time of the received bit stream in the chosen receiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com