Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7012 Datasheet(PDF) 27 Page - Analog Devices

Part # ADF7012
Description  Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7012 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADF7012 Datasheet HTML 20Page - Analog Devices ADF7012 Datasheet HTML 21Page - Analog Devices ADF7012 Datasheet HTML 22Page - Analog Devices ADF7012 Datasheet HTML 23Page - Analog Devices ADF7012 Datasheet HTML 24Page - Analog Devices ADF7012 Datasheet HTML 25Page - Analog Devices ADF7012 Datasheet HTML 26Page - Analog Devices ADF7012 Datasheet HTML 27Page - Analog Devices ADF7012 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
ADF7012
Rev. 0 | Page 27 of 28
FUNCTION REGISTER
I1
DATA INVERT
0
DATA
1
DATA
PD3
CLKOUT
0
CLKOUT OFF
1
CLKOUT ON
PD2
PA ENABLE
0
PA OFF
1PA ON
CP4
BLEED DOWN
0
BLEED OFF
1
BLEED ON
VD1
VCO DISABLE
0
VCO ON
1
VCO OFF
CP3
BLEED UP
0
BLEED OFF
1
BLEED ON
PD1
PLL ENABLE
0
PLL OFF
1
PLL ON
CP2
CP1
CHARGE PUMP
CURRENT
0
0.3mA
0
0.9mA
1
1.5mA
1
0
1
0
1
2.1mA
M4
M3
M2
M1
MUXOUT
0
LOGIC LOW
0
0
0
0
0
0
0
1
0
1
0
1
0
LOGIC HIGH
INVALID MODE – DO NOT USE
REGULATOR READY (DEFAULT)
DIGITAL LOCK DETECT
ANALOG LOCK DETECT
0
0
1
1
0
0
0
0
0
0
1
1
1
R DIVIDER/2 OUTPUT
01
1
1
1
N DIVIDER/2 OUTPUT
10
0
0
RF R DIVIDER OUTPUT
11
0
0
DATA RATE
10
1
0
BATTERY MEASURE IS > 3.25V
11
1
0
BATTERY MEASURE IS > 3V
10
0
1
BATTERY MEASURE IS > 2.75V
11
0
1
BATTERY MEASURE IS > 2.35V
10
1
1
NORMAL TEST MODES
11
1
1
Σ-∆ TEST MODES
VB4
VB3
VB2
VB1
VCO BIAS
CURRENT
0
0.5mA
0
.
1
1
0
.
1
1mA
.
8mA
0
1
.
1
0
0
.
1
PA3
PA2
PA1
PA BIAS
5
µA
0
1
0
.
6
µA
7
µA
.
0
0
1
.
0
0
0
.
.
1
.
12
µA
.
1
.
1
CHARGE
PUMP
BLEED
CURRENT
MUXOUT
PA BIAS
VCO BIAS
PLL TEST
MODES
SD TEST
MODES
Figure 44.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com