Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7012 Datasheet(PDF) 19 Page - Analog Devices

Part # ADF7012
Description  Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7012 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADF7012 Datasheet HTML 15Page - Analog Devices ADF7012 Datasheet HTML 16Page - Analog Devices ADF7012 Datasheet HTML 17Page - Analog Devices ADF7012 Datasheet HTML 18Page - Analog Devices ADF7012 Datasheet HTML 19Page - Analog Devices ADF7012 Datasheet HTML 20Page - Analog Devices ADF7012 Datasheet HTML 21Page - Analog Devices ADF7012 Datasheet HTML 22Page - Analog Devices ADF7012 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
ADF7012
Rev. 0 | Page 19 of 28
APPLICATION EXAMPLES
U1
ADF7012
DVDD
1
CREG1
2
CPOUT
3
TxDATA
4
TxCLK
5
CREG2
RSET
AGND
DVDD
RFOUT
24
23
22
21
20
MUXOUT
6
DGND
7
OSC1
8
OSC2
9
RFGND
VCOIN
CVCO
L2
19
18
17
16
CLKOUT
10
CLK
11
L1
CE
15
14
DATA
12
LE
13
CREG1
CREG2
TxDATA
TxDATA
TxCLK
TxCLK
CLKOUT
CLKOUT
MUXOUT
CLK
MUXOUT
C6
2.2
µF
C5
2.2
µF
C5
100pF
C10
470nF
L1
L2
C1
C2
C3
R1
R2
VDD
C13
2.2
µF
C12
100pF
VDD
VDD
J1
OSC2
OSC1
J2
J3–3
CLK
J4
C7
27pF
C8
27pF
C15
C14
C9
Y1
C11
0.22
µF
R9
3.6k
Ω
R6
1k
Ω
R7
1k
Ω
R8
1k
Ω
R3
1k
Ω
DATA
J3–5
J3–6
J3–8
DATA
R4
1k
Ω
LE
J3–7
LE
R5
1k
Ω
L3
CE
TxDATA
J5–1
J5–2
TxCLK
MUXOUT
J5–3
J5–4
CLKOUT
CLK
J5–5
J5–5
DATA
LE
J5–7
J5–8
CE
VDD
J5–9
J5–10
10 PIN HEADER (5X2)
1k
Ω
1k
Ω
1k
Ω
1k
Ω
VDD
C5+
10
µF
LF1
LF2
CF1
CF2
CF2
Figure 40. Applications Diagrams with Harmonic Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com