Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7012 Datasheet(PDF) 10 Page - Analog Devices

Part # ADF7012
Description  Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7012 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF7012 Datasheet HTML 6Page - Analog Devices ADF7012 Datasheet HTML 7Page - Analog Devices ADF7012 Datasheet HTML 8Page - Analog Devices ADF7012 Datasheet HTML 9Page - Analog Devices ADF7012 Datasheet HTML 10Page - Analog Devices ADF7012 Datasheet HTML 11Page - Analog Devices ADF7012 Datasheet HTML 12Page - Analog Devices ADF7012 Datasheet HTML 13Page - Analog Devices ADF7012 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADF7012
Rev. 0 | Page 10 of 28
868 MHZ
PHASE NOISE (Hz)
0
–20
–40
–60
–80
–100
–120
–140
–160
1.0k
10.0k
100.0k
1.0M
10.0M
= NORMAL
FREQUENCY = 251.3 kHz
LEVEL = –99.39dBc/Hz
Figure 16. Phase Noise Response–ICP = 2.5 mA, IVCO = 1.44 mA, RFOUT = 868.95
MHz, PFD = 4.9152 MHz, Power = 12.5 dBm, PA Bias = Max
15
–10
0
10
–40
–30
–20
–60
–70
–80
–50
–85
1MA
LN
CENTER 868.944489MHz
60kHz/
SPAN 600kHz
REF LVL
15dBm
–40.44dBm
869.20000000MHz
30dB
–20dBm
dBm
RF ATT
MIXER
UNIT
10kHz
10kHz
15ms
RBW
VBW
SWT
A
D2 –36dBm
1
2
2 [T1]
1 [T1]
40.44dBm
869.20000000MHz
8.02dBm
868.96673347MHz
1MAX
Figure 17. FSK Modulation, Power = 12.5 dBm, Data Rate = 38.4 kbps,
FDEVIATION = ±19.2 kHz
15
–10
0
10
–40
–30
–20
–60
–70
–80
–50
–85
1MA
LN
START 856.5MHz
2.5MHz/
STOP 881.5MHz
REF LVL
15dBm
12.55dBm
869.025050100MHz
30dB
–20dBm
dBm
RF ATT
MIXER
UNIT
2kHz
2kHz
16s
RBW
VBW
SWT
A
D2 –36dBm
D1 –54dBm
1
2
3
1MAX
2 [T1]
3 [T1]
1 [T1]
12.55dBm
869.02505010MHz
–57.89dBm
859.16695500MHz
–81.97dBm
862.00000000MHz
Figure 18. Spurious Components—Meets ETSI Specs
15
–10
0
10
–40
–30
–20
–60
–70
–80
–50
–85
1MA
1
CENTER 3.8GHz
640MHz/
SPAN 6.4GHz
REF LVL
15dBm
12.27dBm
869.33867735MHz
40dB
dBm
RF ATT
UNIT
1MHz
1MHz
16ms
RBW
VBW
SWT
A
D1 –30dBm
2
3
4
2 [T1]
1 [T1]
12.27dBm
869.33867735MHz
–4.00dBm
1.72865731GHz
3 [T1]
4 [T1]
–16.88dBm
2.59699399GHz
–15.06dBm
3.46913828GHz
1MAX
Figure 19. Harmonic Response, RFOUT Matched to 50
Ω, No Filter
15
–10
0
10
–40
–30
–20
–60
–70
–80
–50
–85
1MA
LN
START 3.8GHz
640MHz/
SPAN 6.4GHz
REF LVL
15dBm
10.39dBm
869.33867735MHz
30dB
–20dBm
dBm
RF ATT
MIXER
UNIT
1kHz
1kHz
10ms
RBW
VBW
SWT
A
D2 –30dBm
1
2
3
1MAX
3 [T1]
2 [T1]
1 [T1]
10.39dBm
869.33867735MHz
–50.92dBm
1.72000000GHz
–50.40dBm
2.59600000GHz
Figure 20. Harmonic Response, Fifth-Order Chebyshev Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com