Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7012 Datasheet(PDF) 14 Page - Analog Devices

Part # ADF7012
Description  Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7012 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADF7012 Datasheet HTML 10Page - Analog Devices ADF7012 Datasheet HTML 11Page - Analog Devices ADF7012 Datasheet HTML 12Page - Analog Devices ADF7012 Datasheet HTML 13Page - Analog Devices ADF7012 Datasheet HTML 14Page - Analog Devices ADF7012 Datasheet HTML 15Page - Analog Devices ADF7012 Datasheet HTML 16Page - Analog Devices ADF7012 Datasheet HTML 17Page - Analog Devices ADF7012 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ADF7012
Rev. 0 | Page 14 of 28
VCO
÷N
THIRD-ORDER
Σ-∆ MODULATOR
PFD/
CHARGE
PUMP
4R
INTEGER-N
FRACTIONAL-N
PA STAGE
–FDEV
+FDEV
TxDATA
FSK DEVIATION
FREQUENCY
Figure 30.
The deviation from the center frequency is set using bits D1 to
D9 in the modulation register. The frequency deviation may be
set in steps of
14
2
)
(
PFD
STEP
F
Hz
F
=
(5)
The deviation frequency is therefore
14
2
)
(
Number
Modulation
F
Hz
F
PFD
DEVIATION
×
=
(6)
where ModulationNumber is set by bits D1 to D9.
The maximum data rate is a function of the PLL lock time (and
the requirement on FSK spectrum). Because the PLL lock time
is reduced by increasing the loop-filter bandwidth, highest data
rates can be achieved for the wider loop filter bandwidths. The
absolute maximum limit on loop filter bandwidth to ensure
stability for a fractional-N PLL is FPFD/7. For a 20 MHz PFD
frequency, the loop bandwidth could be as high as 2.85 MHz.
FSK modulation is selected by setting bits S1 and S2 in the
modulation register low.
GFSK MODULATION
Gaussian Frequency Shift Keying, or GFSK, represents a filtered
form of frequency shift keying. The data to be modulated to RF
is prefiltered digitally using an finite impulse response filter
(FIR). The filtered data is then used to modulate the sigma-
delta fractional-N to generate spectrally-efficient FSK.
FSK consists of a series of sharp transitions in frequency as the
data is switched from one level to an other. The sharp switching
generates higher frequency components at the output, resulting
in a wider output spectrum.
With GFSK, the sharp transitions are replaced with up to 128
smaller steps. The result is a gradual change in frequency. As a
result, the higher frequency components are reduced and the
spectrum occupied is reduced significantly. GFSK does require
some additional design work as the data is only sampled once
per bit, and so the choice of crystal is important to ensure the
correct sampling clock is generated.
For GFSK and GOOK, the incoming bit stream to be trans-
mitted needs to be synchronized with an on-chip sampling
clock which provides one sample per bit to the Gaussian FIR
filter. To facilitate this, the sampling clock is routed to the
TxCLK pin where data is fetched from the host microcontroller
or microprocessor on the falling edge of TxCLK, and the data is
sampled at the midpoint of each bit on TxCLK’s rising edge.
Inserting external RC LPFs on TxDATA and TxCLK lines
creates smoother edge transitions and improves spurious
performance. As an example, suitable components would be a
1 kV resistor and 10 nF capacitor for a data rate of 5 kbps.
FETCH
SAMPLE
FETCH
SAMPLE
FETCH
SAMPLE
FETCH
ADF7012
µC
I/O
INT
TxDATA
TxCLK
Figure 31. TxCLK/TxDATA Synchronization.
The number of steps between symbol ‘0’ and symbol ‘1’ is
determined by the setting for the index counter.
The GFSK deviation is set up as
12
m
2
2
)
Hz
(
×
= PFD
DEVIATION
F
GFSK
(7)
where m is the mod control (Bits MC1 to MC3 in the
modulation register).
The GFSK sampling clock samples data at the data rate:
er
IndexCount
tor
DividerFac
F
bps
DataRate
PFD
×
=
)
(
(8)
where DividerFactor can be bits D1 to D7, and IndexCounter
can be bits IC1 and IC2 in the modulation register.
POWER AMPLIFIER
The output stage is based on a Class E amplifier design, with an
open drain output switched by the VCO signal. The output
control consists of six current mirrors operating as a
programmable current source.
To achieve maximum voltage swing, the RFOUT pin needs to be
biased at DVDD. A single pull-up inductor to DVDD ensures a
current supply to the output stage, PA biased to DVDD volts, and
with the correct choice of value transforms the impedance.
The output power can be adjusted by changing the value of
bits P1 to P6. Typically, this is P1 to P6 output −20dBm at 0x0,
and 13 dBm at 0x7E at 868MHz, with the optimum matching
network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com