Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7012 Datasheet(PDF) 12 Page - Analog Devices

Part # ADF7012
Description  Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7012 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADF7012 Datasheet HTML 8Page - Analog Devices ADF7012 Datasheet HTML 9Page - Analog Devices ADF7012 Datasheet HTML 10Page - Analog Devices ADF7012 Datasheet HTML 11Page - Analog Devices ADF7012 Datasheet HTML 12Page - Analog Devices ADF7012 Datasheet HTML 13Page - Analog Devices ADF7012 Datasheet HTML 14Page - Analog Devices ADF7012 Datasheet HTML 15Page - Analog Devices ADF7012 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ADF7012
Rev. 0 | Page 12 of 28
CIRCUIT DESCRIPTION
PLL OPERATION
A fractional-N PLL allows multiple output frequencies to be
generated from a single-reference oscillator (usually a crystal)
simply by changing the programmable N value found in the N
register. At the phase frequency detector (PFD), the reference is
compared to a divided-down version of the output frequency
(VCO/N). If VCO/N is too low a frequency, typically the output
frequency is lower than desired, and the PFD and charge-pump
combination sends additional current pulses to the loop filter.
This increases the voltage applied to the input of the VCO.
Because the VCO of the ADF7012 has a positive frequency vs.
voltage characteristic, any increase in the Vtune voltage applied
to the VCO input increases the output frequency at a rate of kV,
the tuning sensitivity of the VCO (MHz/V). At each interval of
1/PFD seconds, a comparison is made at the PFD until the PFD
and charge pump eventually force a state of equilibrium in the
PLL where PFD frequency = VCO/N. At this point, the PLL can
be described as locked.
N
R
CP
PFD
CRYSTAL/R
LOOP FILTER
FVCO
VCO
VCO/N
Figure 26.
N
F
R
N
F
F
PFD
CRYSTAL
OUT
×
=
×
=
(1)
For a Fractional N PLL
⎟
⎠
⎞
⎜
⎝
⎛
+
×
=
12
2
FRAC
INT
PFD
OUT
N
N
F
F
(2)
where NFRAC can be bits M1 to M12 in the fractional N register.
CRYSTAL OSCILLATOR
The on-board crystal oscillator circuitry (Figure 27) allows an
inexpensive quartz crystal to be used as the PLL reference. The
oscillator circuit is enabled by setting XOEB low. It is enabled by
default on power-up and is disabled by bringing CE low. Errors
in the crystal can be corrected using the error correction
register within the R register.
A single-ended reference may be used instead of a crystal, by
applying a square wave to the OSC2 pin, with XOEB set high.
OSC1
CP1
CP2
OSC2
Figure 27.
Two parallel resonant capacitors are required for oscillation at
the correct frequency—the value of these depend on the crystal
specification. They should be chosen so that the series value of
capacitance added to the PCB track capacitance adds to give the
load capacitance of the crystal, usually 20 pF. Track capacitance
values vary between 2 pF to 5 pF, depending on board layout.
Where possible, to ensure stable frequency operation over all
conditions, capacitors should be chosen so that they have a very
low temperature coefficient and/or opposite temperature
coefficients
CRYSTAL COMPENSATION REGISTER
The ADF7012 features a 15-bit fixed modulus, which allows the
output frequency to be adjusted in steps of FPFD/15. This fine
resolution can be used to easily compensate for initial error and
temperature drift in the reference crystal.
FADJUST = FSTEP × FEC
(3)
where FSTEP = FPFD/215 and FEC = Bits F1 to F11 in the R
Register. Note that the notation is twos compliment, so F11
represents the sign of the FEC number.
Example
FPFD = 10 MHz
FADJUST = −11 kHz
FSTEP = 10 MHz/215 = 305.176 Hz
FEC = −11 kHz/305.17 Hz = −36 = −(00000100100) =
11111011100 = 0x7DC
CLOCK OUT CIRCUIT
The clock out circuit takes the reference clock signal from the
oscillator section above and supplies a divided-down 50:50
mark-space signal to the CLKOUT pin. An even divide from
2 to 30 is available. This divide is set by the DB[19:22] in the R
register. On power-up, the CLKOUT defaults to divide by 16.
DVDD
CLKOUT
ENABLE BIT
CLKOUT
OSC1
DIVIDER
1 TO 15
÷2
Figure 28.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com