Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7020 Datasheet(PDF) 1 Page - Analog Devices

Part # ADF7020
Description  High Performance ISM Band FSK/ASK Transceiver IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7020 Datasheet(HTML) 1 Page - Analog Devices

  ADF7020 Datasheet HTML 1Page - Analog Devices ADF7020 Datasheet HTML 2Page - Analog Devices ADF7020 Datasheet HTML 3Page - Analog Devices ADF7020 Datasheet HTML 4Page - Analog Devices ADF7020 Datasheet HTML 5Page - Analog Devices ADF7020 Datasheet HTML 6Page - Analog Devices ADF7020 Datasheet HTML 7Page - Analog Devices ADF7020 Datasheet HTML 8Page - Analog Devices ADF7020 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
High Performance ISM Band
FSK/ASK Transceiver IC
Preliminary Technical Data
ADF7020
Rev. PrH
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Low power, low IF transceiver
Frequency bands:
433 MHz to 464 MHz
862 MHz to 928 MHz
Data rates supported:
0.3 kbps to 200 kbps, FSK
0.3 kbps to 64 kbps, ASK
2.3 V to 3.6 V power supply
Programmable output power:
−16 dBm to +13 dBm in 0.3 dBm steps
Receiver sensitivity:
−117.5 dBm at 1 kbps, FSK
−110.5 dBm at 9.6 kbps, FSK
−106.5 dBm at 9.6 kbps, ASK
Low power consumption:
19 mA in receive mode
22 mA in transmit mode (10 dBm output)
On-chip VCO and fractional-N PLL
On-chip 7-bit ADC and temperature sensor
±1 ppm RF output frequency accuracy possible from
low cost 100 ppm crystal
Digital RSSI
Leakage current <1 µA in power-down mode
48-lead ultrasmall MLF package (chip scale)
APPLICATIONS
Low cost wireless data transfer
Remote control/security systems
Wireless metering
Keyless entry
Home automation
Process and building control
Wireless voice
FUNCTIONAL BLOCK DIAGRAM
Tx/Rx
CONTROL
AGC
CONTROL
FSK/ASK
DEMODULATOR
DATA
SYNCHRONIZER
IF FILTER
RSSI
7-BIT ADC
GAIN
DIV R
SERIAL
PORT
ASK/OOK
MOD CONTROL
GAUSSIAN FILTER
PA OUT
OFFSET
CORRECTION
OFFSET
CORRECTION
LNA
VCO
PFD
CP
AFC
CONTROL
OSC
DIVIDERS/
MUXING
N/N+1
DIV P
MUX
TEMP
SENSOR
RING
OSC
CLK
DIV
CLKOUT
TEST MUX
VCOIN CPOUT
BIAS
LDO(1:4)
MUXOUT
ADCIN
RSET
VREG(1:4)
RLNA
RFIN
RFINB
SLE
SDATA IN
CE
RxCLK
CLKOUT
SDATA OUT
SCLK
INT/LOCK
Tx/Rx DATA
FSK MOD
CONTROL
GAUSSIAN
FILTER
Σ-∆
MODULATOR
Figure 1.


Similar Part No. - ADF7020

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7020 AD-ADF7020 Datasheet
122Kb / 5P
Low Power, Long Range, ISM Wireless Measuring Node
REV. A
ADF7020-1 AD-ADF7020-1 Datasheet
780Kb / 48P
High Performance FSK/ASK Transceiver IC
12/05-Revision 0
ADF7020-1BCPZ AD-ADF7020-1BCPZ Datasheet
780Kb / 48P
High Performance FSK/ASK Transceiver IC
12/05-Revision 0
ADF7020-1BCPZ-RL AD-ADF7020-1BCPZ-RL Datasheet
780Kb / 48P
High Performance FSK/ASK Transceiver IC
12/05-Revision 0
ADF7020-1BCPZ-RL7 AD-ADF7020-1BCPZ-RL7 Datasheet
780Kb / 48P
High Performance FSK/ASK Transceiver IC
12/05-Revision 0
More results

Similar Description - ADF7020

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7010 AD-ADF7010 Datasheet
561Kb / 20P
High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV.0
ADF7011 AD-ADF7011 Datasheet
567Kb / 24P
High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV.0
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
High Performance ISM Band ASK/FSK Transmitter IC
Jan-2005
ADF7020-1 AD-ADF7020-1 Datasheet
780Kb / 48P
High Performance FSK/ASK Transceiver IC
12/05-Revision 0
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7010BRUZ AD-ADF7010BRUZ Datasheet
615Kb / 20P
High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010_15 Datasheet
615Kb / 20P
High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011_15 Datasheet
573Kb / 24P
High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7020 AD-ADF7020_15 Datasheet
719Kb / 48P
High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020-1 AD-ADF7020-1_15 Datasheet
781Kb / 48P
High Performance FSK/ASK Transceiver IC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com