Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7020 Datasheet(PDF) 13 Page - Analog Devices

Part # ADF7020
Description  High Performance ISM Band FSK/ASK Transceiver IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7020 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF7020 Datasheet HTML 9Page - Analog Devices ADF7020 Datasheet HTML 10Page - Analog Devices ADF7020 Datasheet HTML 11Page - Analog Devices ADF7020 Datasheet HTML 12Page - Analog Devices ADF7020 Datasheet HTML 13Page - Analog Devices ADF7020 Datasheet HTML 14Page - Analog Devices ADF7020 Datasheet HTML 15Page - Analog Devices ADF7020 Datasheet HTML 16Page - Analog Devices ADF7020 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Preliminary Technical Data
ADF7020
Rev. PrH | Page 13 of 40
VCO Bias Current
VCO bias current can be adjusted using Bits R1_DB19 to
R1_DB16. To ensure VCO oscillation, the minimum bias
current setting under typical conditions is 2.5 mA.
VCO
LOOP FILTER
MUX
VCO SELECT BIT
TO PA AND
N DIVIDER
VCO BIAS
R1_DB (16:19)
220
µF
CVCO PIN
÷2
÷2
Figure 10. Voltage Controlled Oscillator (VCO)
CHOOSING CHANNELS FOR BEST SYSTEM
PERFORMANCE
The fractional-N PLL allows the selection of any channel within
868 MHz to 928 MHz (and 433MHz using divide-by-2) to a
resolution of <100 Hz. This also facilitates frequency hopping
systems.
Careful selection of the RF transmit channels must be made to
achieve best spurious performance. The architecture of
fractional-N results in some level of the nearest integer channel
moving through the loop to the RF output. These “beat-note”
spurs are not attenuated by the loop, if the desired RF channel
and the nearest integer channel are separated by a frequency of
less than the LBW.
The occurrence of beat-note spurs is rare, because the integer
frequencies are at multiples of the reference, which is typically
>10 MHz.
Beat-note spurs can be significantly reduced in amplitude by
avoiding very small or very large values in the fractional
register, using the frequency doubler. By having a channel
1 MHz away from an integer frequency, a 100 kHz loop filter
can reduce the level to <−45 dBc. When using an external VCO,
the fast lock (bleed) function reduces the spurs to <−60 dBc for
the same conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com