Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7020 Datasheet(PDF) 3 Page - Analog Devices

Part # ADF7020
Description  High Performance ISM Band FSK/ASK Transceiver IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7020 Datasheet(HTML) 3 Page - Analog Devices

  ADF7020 Datasheet HTML 1Page - Analog Devices ADF7020 Datasheet HTML 2Page - Analog Devices ADF7020 Datasheet HTML 3Page - Analog Devices ADF7020 Datasheet HTML 4Page - Analog Devices ADF7020 Datasheet HTML 5Page - Analog Devices ADF7020 Datasheet HTML 6Page - Analog Devices ADF7020 Datasheet HTML 7Page - Analog Devices ADF7020 Datasheet HTML 8Page - Analog Devices ADF7020 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
Preliminary Technical Data
ADF7020
Rev. PrH | Page 3 of 40
GENERAL DESCRIPTION
The ADF7020 is a low power, highly integrated FSK/GFSK/
ASK/OOK/GASK transceiver designed for operation in the
license-free ISM bands at 433 MHz, 868 MHz, and 915 MHz. It
is suitable for circuit applications that meet either the European
ETSI-300-220 or the North American FCC (Part 15) regulatory
standards. A complete transceiver can be built using a small
number of external discrete components, making the ADF7020
very suitable for price-sensitive and area-sensitive applications.
The transmit section contains a VCO and low noise
fractional-N PLL with output resolution of <1 ppm. The VCO
operates at twice the fundamental frequency to reduce spurious
emissions and frequency pulling problems.
The transmitter output power is programmable in 0.3 dB steps
from −16 dBm to +13 dBm. The transceiver RF frequency,
channel spacing, and modulation are programmable using a
simple 3-wire interface. The device operates with a power
supply range of 2.3 V to 3.6 V and can be powered down when
not in use.
A low IF architecture is used in the receiver (200 kHz),
minimizing power consumption and the external component
count and avoiding interference problems at low frequencies.
The ADF7020 supports a wide variety of programmable
features including Rx linearity, sensitivity, and IF bandwidth,
allowing the user to trade off receiver sensitivity and selectivity
against current consumption, depending on the application. The
receiver also features a patent-pending automatic frequency
control (AFC) loop, allowing the PLL to track out the frequency
error in the incoming signal.
An on-chip ADC provides readback of an integrated tempera-
ture sensor, an external analog input, the battery voltage, or the
RSSI signal, which provides savings on an ADC in some
applications. The temperature sensor is accurate to ±5°C over
the full operating temperature range of −40°C to +85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com