Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG1206 Datasheet (PDF) - Analog Devices

ADG1206 Datasheet PDF - Analog Devices
Part # ADG1206
Download  ADG1206 Download
File Size   483.16 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Capacitance, 16- and 8-Channel -15 V/12 V iCMOS Multiplexers

ADG1206 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG1206 Datasheet PDF - Analog Devices

Part # ADG1206
Download  ADG1206 Click to download

File Size   483.16 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Capacitance, 16- and 8-Channel -15 V/12 V iCMOS Multiplexers

ADG1206 Datasheet (HTML) - Analog Devices


ADG1206 Product details

GENERAL DESCRIPTION
The ADG1206 and ADG1207 are monolithic iCMOS® analog multiplexers comprising sixteen single channels and eight differential channels, respectively. The ADG1206 switches one of sixteen inputs to a common output, as determined by the 4-bit binary address lines A0, A1, A2, and A3. The ADG1207 switches one of eight differential inputs to a common differential output, as determined by the 3-bit binary address lines A0, A1, and A2. An EN input on both devices is used to enable or disable the device. When disabled, all channels are switched off. When on, each channel conducts equally well in both directions and has an input signal range that extends to the supplies.

FEATURES
    <1 pC charge injection over full signal range
    1.5 pF off capacitance
    33 V supply range
    120 Ω on resistance
    Fully specified at ±15 V/+12 V
    3 V logic-compatible inputs
    Rail-to-rail operation
    Break-before-make switching action
    28-lead TSSOP and 32-lead, 5 mm × 5 mm LFCSP

APPLICATIONS
    Audio and video routing
    Automatic test equipment
    Data acquisition systems
    Battery-powered systems
    Sample-and-hold systems
    Communication systems




Similar Part No. - ADG1206

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1206L AD-ADG1206L Datasheet
1,003Kb / 23P
Low Capacitance, 16-Channel and 8-Channel iCMOS Multiplexers with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1206LYCPZ-REEL7 AD-ADG1206LYCPZ-REEL7 Datasheet
1,003Kb / 23P
Low Capacitance, 16-Channel and 8-Channel iCMOS Multiplexers with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1206 AD-ADG1206_15 Datasheet
434Kb / 20P
Low Capacitance
REV. A
More results


Similar Description - ADG1206

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1208 AD-ADG1208 Datasheet
445Kb / 20P
Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
4/06-Revision 0
ADG1308 AD-ADG1308 Datasheet
411Kb / 16P
4- and 8-Channel -15 V/12 V Multiplexers
4/06-Revision 0
ADG1406 AD-ADG1406 Datasheet
571Kb / 20P
9.5 ohm RON, 16-Channel, Differential 8-Channel, 짹15 V/12 V/짹5 V iCMOS Multiplexers
REV. 0
ADG1438 AD-ADG1438 Datasheet
605Kb / 20P
Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches
REV. 0
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
Low Capacitance, 4-/8-Channel, 짹15 V/12 V iCMOS Multiplexers
REV. B
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
REV. B
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
Low Capacitance, Low Charge Injection, 15 V/12 V iCMOS Dual SPST Switches
REV. A
ADG1308 AD-ADG1308_15 Datasheet
361Kb / 16P
4 and 8 Channel 15 V/12 V Multiplexers
REV. A
ADG1309 AD-ADG1309_15 Datasheet
361Kb / 16P
4 and 8Channel 15 V/12 V Multiplexers
REV. A
ADG1206L AD-ADG1206L Datasheet
1,003Kb / 23P
Low Capacitance, 16-Channel and 8-Channel iCMOS Multiplexers with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com