Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG1208 Datasheet (PDF) - Analog Devices

ADG1208 Datasheet PDF - Analog Devices
Part # ADG1208
Download  ADG1208 Download
File Size   445.71 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers

ADG1208 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG1208 Datasheet PDF - Analog Devices

Part # ADG1208
Download  ADG1208 Click to download

File Size   445.71 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers

ADG1208 Datasheet (HTML) - Analog Devices


ADG1208 Product details

GENERAL DESCRIPTION
The ADG1208 and ADG1209 are monolithic, iCMOS® analog multiplexers comprising eight single channels and four differential channels, respectively. The ADG1208 switches one of eight inputs to a common output as determined by the 3-bit binary address lines A0, A1, and A2. The ADG1209 switches one of four differential inputs to a common differential output as determined by the 2-bit binary address lines A0 and A1. An EN input on both devices is used to enable or disable the device. When disabled, all channels are switched off. When on, each channel conducts equally well in both directions and has an input signal range that extends to the supplies.
The iCMOS (industrial CMOS) modular manufacturing process combines high voltage CMOS (complementary metal oxide semiconductor) and bipolar technologies. It enables the development of a wide range of high performance analog ICs capable of 33 V operation in a footprint that no other generation of high voltage parts has been able to achieve. Unlike analog ICs using conventional CMOS processes, iCMOS components can tolerate high supply voltages while providing increased performance, dramatically lower power consumption, and reduced package size.

FEATURES
  <1 pC charge injection over full signal range
  1 pF off capacitance
  33 V supply range
  120 Ω on resistance
  Fully specified at ±15 V/+12 V
  3 V logic compatible inputs
  Rail-to-rail operation
  Break-before-make switching action
  Available in 16-lead TSSOP, 4 mm × 4 mm LFCSP_VQ, and 16-lead SOIC
  Typical power consumption < 0.03 μW
 
APPLICATIONS
  Audio and video routing
  Automatic test equipment
  Data-acquisition systems
  Battery-powered systems
  Sample-and-hold systems
  Communication systems




Similar Part No. - ADG1208

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1208 AD-ADG1208 Datasheet
433Kb / 20P
Low Capacitance, 4-/8-Channel, 짹15 V/12 V iCMOS Multiplexers
REV. B
ADG1208 AD-ADG1208 Datasheet
433Kb / 20P
Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
REV. B
ADG1208YCPZ-REEL AD-ADG1208YCPZ-REEL Datasheet
433Kb / 20P
Low Capacitance, 4-/8-Channel, 짹15 V/12 V iCMOS Multiplexers
REV. B
ADG1208YCPZ-REEL1 AD-ADG1208YCPZ-REEL1 Datasheet
433Kb / 20P
Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
REV. B
ADG1208YCPZ-REEL7 AD-ADG1208YCPZ-REEL7 Datasheet
433Kb / 20P
Low Capacitance, 4-/8-Channel, 짹15 V/12 V iCMOS Multiplexers
REV. B
More results


Similar Description - ADG1208

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1206 AD-ADG1206 Datasheet
483Kb / 20P
Low Capacitance, 16- and 8-Channel -15 V/12 V iCMOS Multiplexers
7/06-Revision 0
ADG1308 AD-ADG1308 Datasheet
411Kb / 16P
4- and 8-Channel -15 V/12 V Multiplexers
4/06-Revision 0
ADG1406 AD-ADG1406 Datasheet
571Kb / 20P
9.5 ohm RON, 16-Channel, Differential 8-Channel, 짹15 V/12 V/짹5 V iCMOS Multiplexers
REV. 0
ADG1438 AD-ADG1438 Datasheet
605Kb / 20P
Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches
REV. 0
ADG1204 AD-ADG1204_09 Datasheet
398Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
Low Capacitance, 4-/8-Channel, 짹15 V/12 V iCMOS Multiplexers
REV. B
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
REV. B
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
Low Capacitance, Low Charge Injection, 15 V/12 V iCMOS Dual SPST Switches
REV. A
ADG1308 AD-ADG1308_15 Datasheet
361Kb / 16P
4 and 8 Channel 15 V/12 V Multiplexers
REV. A
ADG1409 AD-ADG1409_15 Datasheet
459Kb / 20P
4 RON, 4/8 Channel 15 V/12 V/5 V CMOS Multiplexers
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com