Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5323 Datasheet (PDF) - Analog Devices

ADL5323 Datasheet PDF - Analog Devices
Part # ADL5323
Download  ADL5323 Download
File Size   228.61 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1700 MHz to 2400 MHz GaAs Matched RF PA Predriver

ADL5323 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5323 Datasheet PDF - Analog Devices

Part # ADL5323
Download  ADL5323 Click to download

File Size   228.61 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1700 MHz to 2400 MHz GaAs Matched RF PA Predriver

ADL5323 Datasheet (HTML) - Analog Devices


ADL5323 Product details

GENERAL DESCRIPTION
The ADL5323 is a high linearity GaAs driver amplifier that is internally matched to 50 Ω for operation in the 1700 MHz to 2400 MHz frequency range. The amplifier, which has a gain of 20 dB, has been specially designed for use in the output stage of a cellular base station radio or as an input preamplifier in a multicarrier base station power amplifier. Matching and biasing are all on-chip. The ADL5323 is available in a Pb-free, 3 mm × 3 mm, 8-lead LFCSP with an operating temperature of −40°C to +85°C.

FEATURES
   Internally matched to 50 Ω input and output
   Internally biased
   Operating frequency: 1700 MHz to 2400 MHz
   Gain: 20 dB
   OIP3: 43 dBm
   P1 dB: 28 dBm
   Noise figure: 5 dB
   3 mm × 3 mm LFCSP
   Power supply: 5 V

APPLICATIONS
   CDMA2000, WCDMA, and GSM base station transceivers and
      high power amplifiers




Similar Part No. - ADL5323

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5323 AD-ADL5323_15 Datasheet
200Kb / 12P
1700 MHz to 2400 MHz GaAs Matched RF PA Predriver
REV. A
More results


Similar Description - ADL5323

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LFCN-1700 ETC-LFCN-1700 Datasheet
140Kb / 1P
DC to 1700 MHz
logo
Tyco Electronics
MAALSS0045 MACOM-MAALSS0045 Datasheet
144Kb / 4P
High Dynamic Range LNA 1700 - 2400 MHz
logo
Analog Devices
ADL5322 AD-ADL5322 Datasheet
231Kb / 12P
700 MHz to 1000 MHz GaAs Matched RF PA Predriver
7/06-Revision 0
logo
Tyco Electronics
AM50-0012 MACOM-AM50-0012_1 Datasheet
145Kb / 4P
High Dynamic Range LNA 1700-2400 MHz
logo
Analog Devices
ADL5592 AD-ADL5592 Datasheet
1Mb / 20P
250 MHz to 2400 MHz RF Variable Gain Amplifier
REV. 0
logo
ANADIGICS, Inc
AWL9232 ANADIGICS-AWL9232 Datasheet
573Kb / 18P
802.11b/g/n WLAN PA/LNA/RF Switch 2400 - 2500 MHz
Rev 1.0
logo
Analog Devices
ADRF6702ACPZ-R7 AD-ADRF6702ACPZ-R7 Datasheet
1Mb / 36P
1200 MHz to 2400 MHz Quadrature Modulator
REV. B
ADL5592ACPZ AD-ADL5592ACPZ Datasheet
1Mb / 20P
250 MHz to 2400 MHz RF Variable Gain Amplifier
REV. 0
ADL5322 AD-ADL5322_15 Datasheet
226Kb / 12P
700 MHz to 1000 MHz GaAs Matched RF PA Predriver
REV. A
ADL5323 AD-ADL5323_15 Datasheet
200Kb / 12P
1700 MHz to 2400 MHz GaAs Matched RF PA Predriver
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com