Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5322 Datasheet (PDF) - Analog Devices

ADL5322 Datasheet PDF - Analog Devices
Part # ADL5322
Download  ADL5322 Download
File Size   231.06 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 700 MHz to 1000 MHz GaAs Matched RF PA Predriver

ADL5322 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5322 Datasheet PDF - Analog Devices

Part # ADL5322
Download  ADL5322 Click to download

File Size   231.06 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 700 MHz to 1000 MHz GaAs Matched RF PA Predriver

ADL5322 Datasheet (HTML) - Analog Devices


ADL5322 Product details

GENERAL DESCRIPTION
The ADL5322 is a high linearity GaAs driver amplifier that is internally matched to 50 Ω for operation in the 700 MHz to 1000 MHz frequency range. The amplifier, which has a gain of 20 dB, is specially designed for use in the output stage of a cellular base station radio or as an input preamplifier in a multicarrier base station power amplifier. Matching and biasing are all on-chip. The ADL5322 is available in a Pb-free, 3 mm × 3 mm, 8-lead LFCSP package with an operating temperature from −40°C to +85°C.

FEATURES
   Internally matched to 50 Ω input and output
   Internally biased
   Operating frequency: 700 MHz to 1000 MHz
   Gain: 20 dB
   OIP3: 45 dBm
   P1 dB: 27 dBm
   Noise figure: 5 dB
   3 mm × 3 mm LFCSP
   Power supply: 5 V

APPLICATIONS
   CDMA2000, WCDMA, and GSM base station transceivers and
      high power amplifiers




Similar Part No. - ADL5322

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5322 AD-ADL5322_15 Datasheet
226Kb / 12P
700 MHz to 1000 MHz GaAs Matched RF PA Predriver
REV. A
More results


Similar Description - ADL5322

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FAR-F5CM FUJITSU-FAR-F5CM Datasheet
128Kb / 15P
SAW Filter (700 to 1000 MHz)
logo
Mini-Circuits
JSPHS-1000 MINI-JSPHS-1000 Datasheet
73Kb / 1P
180짰Voltage Variable, 700 to 1000 MHz
logo
Analog Devices
AD8340 AD-AD8340 Datasheet
536Kb / 20P
700 MHz to 1000 MHz RF Vector Modulator
6/04-Revision 0
ADL5323 AD-ADL5323 Datasheet
228Kb / 12P
1700 MHz to 2400 MHz GaAs Matched RF PA Predriver
7/06-Revision 0
logo
Hittite Microwave Corpo...
HMC630LP3 HITTITE-HMC630LP3 Datasheet
283Kb / 8P
GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
logo
Analog Devices
ADL5605 AD-ADL5605 Datasheet
500Kb / 20P
700 MHz to 1000 MHz
REV. 0
AD8340 AD-AD8340_15 Datasheet
426Kb / 20P
700 MHz to 1000 MHz RF Vector Modulator
REV. C
ADL5322 AD-ADL5322_15 Datasheet
226Kb / 12P
700 MHz to 1000 MHz GaAs Matched RF PA Predriver
REV. A
ADL5323 AD-ADL5323_15 Datasheet
200Kb / 12P
1700 MHz to 2400 MHz GaAs Matched RF PA Predriver
REV. A
HMC630LP3 AD-HMC630LP3 Datasheet
813Kb / 8P
GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com