Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

140357145200 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

140357145200 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 140357145200
Download  140357145200 Download
File Size   2247.66 Kbytes
Page   12 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description General Information: Operating Temperature -55 up to 110 °C Storage Conditions (for single parts) -55 up to 125 °C Storage Conditions (in original packaging) < 40 °C ; < 75 % RH Moisture Sensitivity Level (MSL) 1

140357145200 Datasheet (PDF)

Go To PDF Page Download Datasheet
140357145200 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 140357145200
Download  140357145200 Click to download

File Size   2247.66 Kbytes
Page   12 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description General Information: Operating Temperature -55 up to 110 °C Storage Conditions (for single parts) -55 up to 125 °C Storage Conditions (in original packaging) < 40 °C ; < 75 % RH Moisture Sensitivity Level (MSL) 1

140357145200 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


140357145200 Product details

General Information:
Operating Temperature -55 up to +110 °C
Storage Conditions (for single
parts) -55 up to +125 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1




Similar Part No. - 140357145200

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
140357145000 WURTH-140357145000 Datasheet
1Mb / 12P
WL-OCPT Optocoupler Phototransistor
001.000
140357145100 WURTH-140357145100 Datasheet
1Mb / 12P
WL-OCPT Optocoupler Phototransistor
001.000
140357145300 WURTH-140357145300 Datasheet
1Mb / 12P
WL-OCPT Optocoupler Phototransistor
001.000
140357145400 WURTH-140357145400 Datasheet
1Mb / 12P
WL-OCPT Optocoupler Phototransistor
001.000
More results


Similar Description - 140357145200

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASEMP ABRACON-ASEMP Datasheet
4Mb / 7P
Moisture Sensitivity Level ??MSL 1
07.16.12
logo
Murata Manufacturing Co...
GRM022C71A103KE01 MURATA1-GRM022C71A103KE01 Datasheet
176Kb / 2P
Operating Temperature Range -55??to 125?
11/23/2021
GRM022C71A103ME01 MURATA1-GRM022C71A103ME01_V01 Datasheet
176Kb / 2P
Operating Temperature Range -55??to 125?
11/23/2021
GRM022C80J103ME01 MURATA1-GRM022C80J103ME01_V01 Datasheet
176Kb / 2P
Operating Temperature Range -55??to 125?
11/23/2021
GRM188D70G226ME01 MURATA1-GRM188D70G226ME01_V01 Datasheet
177Kb / 2P
Operating Temperature Range -55??to 125?
11/23/2021
GRM43DR7LV224KW01 MURATA1-GRM43DR7LV224KW01 Datasheet
177Kb / 2P
Operating Temperature Range -55??to 125?
11/23/2021
GRM55DR7LV474KW01 MURATA1-GRM55DR7LV474KW01 Datasheet
177Kb / 2P
Operating Temperature Range -55??to 125?
11/23/2021
GRM188D70J226ME01 MURATA1-GRM188D70J226ME01_V01 Datasheet
180Kb / 2P
Operating Temperature Range -55??to 125?
logo
Guangdong Youtai Semico...
TMP112A UMW-TMP112A Datasheet
756Kb / 17P
Temperature range: -55°C ~ 150°C
TMP112BIDRLR UMW-TMP112BIDRLR Datasheet
763Kb / 17P
Temperature range: -55°C ~ 150°C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com