Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASEMP Datasheet (PDF) - Abracon Corporation

ASEMP Datasheet PDF - Abracon Corporation
Part # ASEMP
Download  ASEMP Download
File Size   4792.2 Kbytes
Page   7 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Moisture Sensitivity Level ??MSL 1

ASEMP Datasheet (PDF)

Go To PDF Page Download Datasheet
ASEMP Datasheet PDF - Abracon Corporation

Part # ASEMP
Download  ASEMP Click to download

File Size   4792.2 Kbytes
Page   7 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Moisture Sensitivity Level ??MSL 1

ASEMP Datasheet (HTML) - Abracon Corporation


ASEMP Product details

Moisture Sensitivity Level – MSL 1

FEATURES:
• Ultra Miniature Pure SiliconTM Clock Oscillator
• High Performance MEMS Technology by Discera
• Low Power Consumption for high speed communication
• Exceptional Stability Over Temp. at -40 to +85°C, ±15ppm
• Extended Automotive Grade Temp. stability at -55 to +125°C, ±25ppm
• Available in 50kG Shock Resistance Configuration upon request
• MIL-STD-883 shock and vibration compliant
• Durable QFN Plastic Compact Packaging
• Standby or Disable Tri-state function
• Low jitter (Period jitter RMS and Phase jitter RMS)
• High power supply noise reduction, -50dBc

APPLICATIONS:
• Storage Area Networks (SATA, SAS, Fiber Channel)
• Passive Optical Networks (EPON, 10G-EPON, GPON, 10G-PON)
• Ethernet (1G, 10GBASE-T,/KR/LR/SR, FCoE
• HD/SD/SDI Video & Surveillance
• PCI Express
• Display port




Similar Part No. - ASEMP

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASEMPA ABRACON-ASEMPA Datasheet
870Kb / 14P
Plastic SMD MEMS Clock Oscillator
9/2/2025
ASEMPAHC-14.3181MHZ-LJ-PD ABRACON-ASEMPAHC-14.3181MHZ-LJ-PD Datasheet
870Kb / 14P
Plastic SMD MEMS Clock Oscillator
9/2/2025
ASEMPAHC-14.3181MHZ-LR-PD ABRACON-ASEMPAHC-14.3181MHZ-LR-PD Datasheet
870Kb / 14P
Plastic SMD MEMS Clock Oscillator
9/2/2025
ASEMPAHC-14.3181MHZ-VJ-PD ABRACON-ASEMPAHC-14.3181MHZ-VJ-PD Datasheet
870Kb / 14P
Plastic SMD MEMS Clock Oscillator
9/2/2025
ASEMPAHC-14.3181MHZ-VR-PD ABRACON-ASEMPAHC-14.3181MHZ-VR-PD Datasheet
870Kb / 14P
Plastic SMD MEMS Clock Oscillator
9/2/2025
More results


Similar Description - ASEMP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4001 MCC-1N4001_13 Datasheet
239Kb / 4P
Low Current Leakage and Low Cost Moisture Sensitivity Level 1
logo
Taiwan Semiconductor Co...
2CZ4004 TSC-2CZ4004 Datasheet
232Kb / 3P
Surface mounted device type, Moisture sensitivity level 1
logo
Micro Commercial Compon...
ESDLC5V0PB8 MCC-ESDLC5V0PB8 Datasheet
867Kb / 4P
Moisture Sensitivity Level 1
SL34A MCC-SL34A Datasheet
451Kb / 3P
Moisture Sensitivity Level 1
ESDLC5V0DFN10 MCC-ESDLC5V0DFN10 Datasheet
489Kb / 3P
Moisture Sensitivity Level 1
logo
P-tec Corporation
PDC56SM-CXMRGB1 P-TEC-PDC56SM-CXMRGB1 Datasheet
940Kb / 10P
Qualified according to JEDEC moisture sensitivity level 2A
PDC562SM-CXMRGB1 P-TEC-PDC562SM-CXMRGB1 Datasheet
1Mb / 10P
Qualified according to JEDEC moisture sensitivity level 2A
PDC563SM-CXMRGB1 P-TEC-PDC563SM-CXMRGB1 Datasheet
1Mb / 10P
Qualified according to JEDEC moisture sensitivity level 2A
PDC564SM-CXMRGB1 P-TEC-PDC564SM-CXMRGB1 Datasheet
1Mb / 10P
JEDEC moisture sensitivity level 2A
logo
Wurth Elektronik GmbH &...
140357145200 WURTH-140357145200 Datasheet
2Mb / 12P
General Information: Operating Temperature -55 up to 110 °C Storage Conditions (for single parts) -55 up to 125 °C Storage Conditions (in original packaging) < 40 °C ; < 75 % RH Moisture Sensitivity Level (MSL) 1
001.003
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com