Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASEMP Datasheet(PDF) 4 Page - Abracon Corporation

Part # ASEMP
Description  Moisture Sensitivity Level ??MSL 1
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASEMP Datasheet(HTML) 4 Page - Abracon Corporation

  ASEMP Datasheet HTML 1Page - Abracon Corporation ASEMP Datasheet HTML 2Page - Abracon Corporation ASEMP Datasheet HTML 3Page - Abracon Corporation ASEMP Datasheet HTML 4Page - Abracon Corporation ASEMP Datasheet HTML 5Page - Abracon Corporation ASEMP Datasheet HTML 6Page - Abracon Corporation ASEMP Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
| | | | | | | | | | | | | |
|
Pb RoHS
Compliant
3.2 x 2.5 x 0.85 mm
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
ASEMP
PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE
PURE SILICONTM CLOCK OSCILLATOR
Life Size
ASEMP
CMOS OUTPUT
Test Circuit
NOMINAL PERFORMANCE PARAMETERS
(Unless specified otherwise: T=25° C, VDD=3.3 V)
30332Esperanza, Rancho Santa Margarita,California 92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Visit
www.abracon.comfor Terms & Conditions of Sale
Revised: 07.16.12



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com