Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASEMP Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASEMP
Description  Moisture Sensitivity Level ??MSL 1
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASEMP Datasheet(HTML) 1 Page - Abracon Corporation

  ASEMP Datasheet HTML 1Page - Abracon Corporation ASEMP Datasheet HTML 2Page - Abracon Corporation ASEMP Datasheet HTML 3Page - Abracon Corporation ASEMP Datasheet HTML 4Page - Abracon Corporation ASEMP Datasheet HTML 5Page - Abracon Corporation ASEMP Datasheet HTML 6Page - Abracon Corporation ASEMP Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
| | | | | | | | | | | | | | |
ASEMP
APPLICATIONS:
FEATURES:
Pb RoHS
Compliant
PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE
3.2 x 2.5 x 0.85 mm
PURE SILICONTM CLOCK OSCILLATOR
STANDARD SPECIFICATIONS:
Life Size
ASEMP
• Storage Area Networks
(SATA, SAS, Fiber Channel)
• Passive Optical Networks (EPON,
10G-EPON, GPON, 10G-PON)
• Ethernet (1G, 10GBASE-T,/KR/LR/SR, FCoE
• HD/SD/SDI Video & Surveillance
• PCI Express
• Display port
• Ultra Miniature Pure SiliconTM Clock Oscillator
• High Performance MEMS Technology by Discera
• Low Power Consumption for high speed communication
• Exceptional Stability Over Temp. at -40 to +85°C, ±15ppm
• Extended Automotive Grade Temp. stability at -55 to +125°C, ±25ppm
• Available in 50kG Shock Resistance Configuration upon request
• MIL-STD-883 shock and vibration compliant
• Durable QFN Plastic Compact Packaging
• Standby or Disable Tri-state function
• Low jitter (Period jitter RMS and Phase jitter RMS)
• High power supply noise reduction, -50dBc
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
30332Esperanza, Rancho Santa Margarita,California 92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Visit
www.abracon.comfor Terms & Conditions of Sale
Revised: 07.16.12
Low Jitter
High Performance
3G MEMS Technology!
Moisture Sensitivity Level – MSL 1
Common Key Electrical Specifications – CMOS, LVPECL, LVDS, and HCSL
Key Electrical Specifications – CMOS
Parameters
Minimum
Typical
Maximum
Units
Notes
Frequency Range
CMOS
10.000
-----
170.000
MHz
Commercial, Industrial
Temp range
CMOS
10.000
-----
100.000
Automotive
-55 ~ +125
°C
LVPECL
10.000
-----
460.000
Commercial, Industrial
Temp range
LVDS
10.000
-----
460.000
Commercial, Industrial
Temp range
HCSL
10.000
-----
460.000
Commercial, Industrial
Temp range
Operating Temperature
-20
-----
+70
°C
See options
Storage Temperature
-55
-----
+150
°C
Overall Frequency Stability
-50
-----
+50
ppm
See options
Supply Voltage (Vdd)
+2.25
-----
+3.6
V
Startup Time
-----
-----
5
ms
Enable Time
-----
-----
20
ns
STD (Tri-state)
-----
-----
5
ms
PD option (Power Down)
Disable Time
-----
-----
5
ns
Stand-by Current
-----
20
22
mA
STD (Tri-state)
Disable Current
-----
-----
0.095
PD option (Power Down)
Tri-state Function (Standby/Disable)
"1" (VIH≥0.7 5*Vdd) or Open: Oscillation
"0" (VIL<0.25*Vdd) : Hi Z
V
40kΩ pull-up resister
embedded
Aging
-5.0
-----
+5.0
ppm
First year
Parameters
Minimum
Typical
Maximum
Units
Notes
Supply Current (Idd)
-----
31
35
mA
CL=15pF, 125MHz
Output Logic Level
VOH
0.9*Vdd
-----
-----
V
I=±6mA
VOL
-----
-----
0.1*Vdd
V
Rise Time
Tr
-----
1.1
2.0
ns
CL=15pF
20%/80%*VDD
Fall Time
Tf
-----
1.3
2.0
ns
Duty Cycle
45
-----
55
%
Integrated Phase Jitter (JPH)
-----
0.30
2
ps
200kHz ~ 20MHz@125MHz
-----
0.38
2
100kHz ~ 20MHz@125MHz
-----
1.70
2
12kHz ~ 20MHz@125MHz
Period Jitter RMS (JPER)
-----
3.0
-----
ps


Similar Part No. - ASEMP

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASEMPA ABRACON-ASEMPA Datasheet
870Kb / 14P
Plastic SMD MEMS Clock Oscillator
9/2/2025
ASEMPAHC-14.3181MHZ-LJ-PD ABRACON-ASEMPAHC-14.3181MHZ-LJ-PD Datasheet
870Kb / 14P
Plastic SMD MEMS Clock Oscillator
9/2/2025
ASEMPAHC-14.3181MHZ-LR-PD ABRACON-ASEMPAHC-14.3181MHZ-LR-PD Datasheet
870Kb / 14P
Plastic SMD MEMS Clock Oscillator
9/2/2025
ASEMPAHC-14.3181MHZ-VJ-PD ABRACON-ASEMPAHC-14.3181MHZ-VJ-PD Datasheet
870Kb / 14P
Plastic SMD MEMS Clock Oscillator
9/2/2025
ASEMPAHC-14.3181MHZ-VR-PD ABRACON-ASEMPAHC-14.3181MHZ-VR-PD Datasheet
870Kb / 14P
Plastic SMD MEMS Clock Oscillator
9/2/2025
More results

Similar Description - ASEMP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4001 MCC-1N4001_13 Datasheet
239Kb / 4P
Low Current Leakage and Low Cost Moisture Sensitivity Level 1
logo
Taiwan Semiconductor Co...
2CZ4004 TSC-2CZ4004 Datasheet
232Kb / 3P
Surface mounted device type, Moisture sensitivity level 1
logo
Micro Commercial Compon...
ESDLC5V0PB8 MCC-ESDLC5V0PB8 Datasheet
867Kb / 4P
Moisture Sensitivity Level 1
SL34A MCC-SL34A Datasheet
451Kb / 3P
Moisture Sensitivity Level 1
ESDLC5V0DFN10 MCC-ESDLC5V0DFN10 Datasheet
489Kb / 3P
Moisture Sensitivity Level 1
logo
P-tec Corporation
PDC56SM-CXMRGB1 P-TEC-PDC56SM-CXMRGB1 Datasheet
940Kb / 10P
Qualified according to JEDEC moisture sensitivity level 2A
PDC562SM-CXMRGB1 P-TEC-PDC562SM-CXMRGB1 Datasheet
1Mb / 10P
Qualified according to JEDEC moisture sensitivity level 2A
PDC563SM-CXMRGB1 P-TEC-PDC563SM-CXMRGB1 Datasheet
1Mb / 10P
Qualified according to JEDEC moisture sensitivity level 2A
PDC564SM-CXMRGB1 P-TEC-PDC564SM-CXMRGB1 Datasheet
1Mb / 10P
JEDEC moisture sensitivity level 2A
logo
Wurth Elektronik GmbH &...
140357145200 WURTH-140357145200 Datasheet
2Mb / 12P
General Information: Operating Temperature -55 up to 110 °C Storage Conditions (for single parts) -55 up to 125 °C Storage Conditions (in original packaging) < 40 °C ; < 75 % RH Moisture Sensitivity Level (MSL) 1
001.003
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com