Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1181AAN Datasheet (PDF) - Analog Devices

ADM1181AAN Datasheet PDF - Analog Devices
Part # ADM1181AAN
Download  ADM1181AAN Download
File Size   254.28 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers

ADM1181AAN Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM1181AAN Datasheet PDF - Analog Devices

Part # ADM1181AAN
Download  ADM1181AAN Click to download

File Size   254.28 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers

ADM1181AAN Datasheet (HTML) - Analog Devices


ADM1181AAN Product details

GENERAL DESCRIPTION
The ADM202E and ADM1181A are robust, high speed, 2-channel RS-232/V.28 interface devices that operate from a single 5 V power supply. Both products are suitable for operation in harsh electrical environments and are compliant with the EU directive on EMC (89/336/EEC). Both the level of electromagnetic emissions and immunity are in compliance. EM immunity includes ESD protection in excess of ±15 kV on all I/O lines, fast transient/burst protection (1000-4-4), and radiated immunity (1000-4-3). EM emissions include radiated and conducted emissions as required by Information Technology Equipment EN55022, CISPR22.

FEATURES
   Complies with 89/336/EEC EMC directive
   ESD protection to IEC1000-4-2 (801.2)
   ±8 kV: contact discharge
   ±15 kV: air-gap discharge
   ±15 kV: human body model
   EFT fast transient/burst immunity (IEC1000-4-4)
   Low EMI emissions (EN55022)
   230 kbits/s data rate guaranteed
   TSSOP package option
   Upgrade for MAX202E, 232E, LT1181A

APPLICATIONS
   General-purpose RS-232 data link
   Portable instruments
   PDAs




Similar Part No. - ADM1181AAN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1181AAN AD-ADM1181AAN Datasheet
163Kb / 12P
EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV.0
ADM1181AAN AD-ADM1181AAN Datasheet
254Kb / 16P
EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
More results


Similar Description - ADM1181AAN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM202E AD-ADM202E Datasheet
163Kb / 12P
EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV.0
ADM206E AD-ADM206E Datasheet
204Kb / 16P
EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV.B
ADM2209E AD-ADM2209E Datasheet
142Kb / 12P
EMI-/EMC-Compliant -15 kV ESD Protected, Dual RS-232 Port with Standby
REV.0
ADM206E AD-ADM206E_06 Datasheet
464Kb / 20P
EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ AD-ADM213EARSZ Datasheet
464Kb / 20P
EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM2209EARUZ AD-ADM2209EARUZ Datasheet
146Kb / 12P
EMI-/EMC-Compliant 615 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
ADM213EARSZ-REEL AD-ADM213EARSZ-REEL Datasheet
464Kb / 20P
EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARZ-REEL AD-ADM213EARZ-REEL Datasheet
464Kb / 20P
EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
RS-232 Line Drivers/Receivers
REV. C
ADM202E AD-ADM202E_V01 Datasheet
254Kb / 16P
EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com