Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

89TTM553BL Datasheet (PDF) - Renesas Technology Corp

89TTM553BL Datasheet PDF - Renesas Technology Corp
Part # 89TTM553BL
Download  89TTM553BL Download
File Size   547.38 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Traffic Manager Co-processor

89TTM553BL Datasheet (PDF)

Go To PDF Page Download Datasheet
89TTM553BL Datasheet PDF - Renesas Technology Corp

Part # 89TTM553BL
Download  89TTM553BL Click to download

File Size   547.38 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Traffic Manager Co-processor

89TTM553BL Datasheet (HTML) - Renesas Technology Corp


89TTM553BL Product details

89TTM55x Features
 Deterministic performance at 10 Gbps wire-speed (35Mcps)
regardless of the number of flows, traffic size, and patterns.
 Up to 256 megabytes of external memory buffer space
(equivalent to a 210ms buffer at 10 Gbps).
 Support (Rx and Tx) for industry-standard SPI-4 phase 2,
NPF Streaming Interface, and CSIX over LVDS.
 Hierarchical queuing and precise scheduling:
– Traffic management flexibility.
– Support for up to 4K aggregate flow queues (AFQs), 1K port
queues (PQs), 2K arrival reassembly queues (ARQs), and 1K
output queues/channels (OQs) with no external memory
required. Configurable AFQ-to-port assignments.
– Support for up to 1M discrete flows (FLQs), with queuing for
each flow, using external memory. Configurable mapping of
FLQs into aggregate flow queues.
– Two-level FLQ scheduling mode that supports up to 128K or
256K virtual pipe or subscriber queues with up to 8 or 4 CoS
priority queues each.
– Accurate byte-rate shaping at the FLQ, AFQ and port levels.
 Multiple levels of buffer congestion management.
– Hierarchical queue structure and thresholding.
– Congestion indication.
– Dynamic adjustment of thresholds during periods of congestion.
– Packet discard (PD).
– Weighted random early discard (WRED).
– Local congestion indication (CI).




Similar Part No. - 89TTM553BL

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89TTM553BL IDT-89TTM553BL Datasheet
374Kb / 30P
Traffic Manager Co-processor
More results


Similar Description - 89TTM553BL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HTRC12002B PHILIPS-HTRC12002B Datasheet
57Kb / 8P
HITAG co-processor
2001 Nov 15
logo
PMC-Sierra, Inc
PM7326 PMC-PM7326 Datasheet
65Kb / 4P
ATM/PACKET Traffic Manager and Switch
PM7326 PMC-PM7326 Datasheet
2Mb / 238P
ATM/PACKET TRAFFIC MANAGER AND SWITCH
PM7329 PMC-PM7329 Datasheet
1Mb / 2P
ATM TRAFFIC MANAGER AND SWITCH
PM7329 PMC-PM7329 Datasheet
52Kb / 2P
Packet/ATM Traffic Manager and Switch
logo
List of Unclassifed Man...
NP3700 ETC-NP3700 Datasheet
213Kb / 4P
5-Gbps Network Processor with Integrated Traffic Manager
NP3705 ETC-NP3705 Datasheet
94Kb / 2P
2.5-Gbps Network Processor with Integrated Traffic Manager
logo
Integrated Device Techn...
89TTM553 IDT-89TTM553 Datasheet
374Kb / 30P
Traffic Manager Co-processor
logo
PMC-Sierra, Inc
PM7326-1 PMC-PM7326-1 Datasheet
35Kb / 2P
ATM/PACKET Traffic Manager and Switch
logo
Renesas Technology Corp
89TTM552 RENESAS-89TTM552 Datasheet
661Kb / 38P
Traffic Manager Data Sheet
April 7, 2005
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com