Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICSSSTUB32871A Datasheet (PDF) - Renesas Technology Corp

ICSSSTUB32871A Datasheet PDF - Renesas Technology Corp
Part # ICSSSTUB32871A
Download  ICSSSTUB32871A Download
File Size   418.09 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 27-Bit Registered Buffer for DDR2

ICSSSTUB32871A Datasheet (PDF)

Go To PDF Page Download Datasheet
ICSSSTUB32871A Datasheet PDF - Renesas Technology Corp

Part # ICSSSTUB32871A
Download  ICSSSTUB32871A Click to download

File Size   418.09 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 27-Bit Registered Buffer for DDR2

ICSSSTUB32871A Datasheet (HTML) - Renesas Technology Corp


ICSSSTUB32871A Product details

Recommended Application:
• DDR2 Memory Modules
• Provides complete DDR DIMM solution with
ICS98ULPA877A, ICS97ULP877, or IDTCSPUA877A
• Optimized for DDR2 400/533/667 JEDEC 4 Rank
VLP DIMMS
Product Features:
• 27-bit 1:1 registered buffer with parity check
functionality
• Supports SSTL_18 JEDEC specification on data
inputs and outputs
• Supports LVCMOS switching levels on RESET input
• 50% more dynamic driver strength than standard
SSTU32864
• Low voltage operation
VDD = 1.7V to 1.9V
• Available in 96 BGA package




Similar Part No. - ICSSSTUB32871A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICSSSTUB32871A ICST-ICSSSTUB32871A Datasheet
199Kb / 18P
27-Bit Registered Buffer for DDR2
ICSSSTUB32871AZLFT ICST-ICSSSTUB32871AZLFT Datasheet
199Kb / 18P
27-Bit Registered Buffer for DDR2
ICSSSTUB32871AZT ICST-ICSSSTUB32871AZT Datasheet
199Kb / 18P
27-Bit Registered Buffer for DDR2
More results


Similar Description - ICSSSTUB32871A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74SSTUBF32868A IDT-IDT74SSTUBF32868A Datasheet
541Kb / 22P
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
ICSSSTUAF32865A IDT-ICSSSTUAF32865A Datasheet
422Kb / 17P
25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
IDT74SSTUBF32869A IDT-IDT74SSTUBF32869A Datasheet
505Kb / 22P
14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
logo
Integrated Circuit Syst...
ICSSSTUB32872A ICST-ICSSSTUB32872A Datasheet
209Kb / 18P
28-Bit Registered Buffer for DDR2
logo
Integrated Device Techn...
ICSSSTUAF32866B IDT-ICSSSTUAF32866B Datasheet
640Kb / 31P
25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
logo
Integrated Circuit Syst...
ICSSSTUB32871A ICST-ICSSSTUB32871A Datasheet
199Kb / 18P
27-Bit Registered Buffer for DDR2
ICSSSTUB32866B ICST-ICSSSTUB32866B Datasheet
540Kb / 28P
25-Bit Configurable Registered Buffer for DDR2
logo
Renesas Technology Corp
ICSSSTUAF32868B RENESAS-ICSSSTUAF32868B Datasheet
737Kb / 23P
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
ICSSSTUB32872A RENESAS-ICSSSTUB32872A Datasheet
214Kb / 18P
28-Bit Registered Buffer for DDR2
3/13/07
ICSSSTUB32S868D RENESAS-ICSSSTUB32S868D Datasheet
525Kb / 21P
28-Bit Configurable Registered Buffer for DDR2
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com