Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICSSSTUAF32865A Datasheet (PDF) - Integrated Device Technology

ICSSSTUAF32865A Datasheet PDF - Integrated Device Technology
Part # ICSSSTUAF32865A
Download  ICSSSTUAF32865A Download
File Size   422.3 Kbytes
Page   17 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2

ICSSSTUAF32865A Datasheet (PDF)

Go To PDF Page Download Datasheet
ICSSSTUAF32865A Datasheet PDF - Integrated Device Technology

Part # ICSSSTUAF32865A
Download  ICSSSTUAF32865A Click to download

File Size   422.3 Kbytes
Page   17 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2

ICSSSTUAF32865A Datasheet (HTML) - Integrated Device Technology


ICSSSTUAF32865A Product details

Description
This 28-bit 1:2 registered buffer with parity is designed for 1.7V to 1.9V VDD operation.
All clock and data inputs are compatible with the JEDEC standard for SSTL_18. The control inputs are LVCMOS. All outputs are 1.8 V CMOS drivers that have been optimized to drive the DDR2 DIMM load. The IDT74SSTUBF32865A operates from a differential clock (CLK and CLK). Data are registered at the crossing of CLK going high, and CLK going low.

Features
• 28-bit 1:2 registered buffer with parity check functionality
• Supports SSTL_18 JEDEC specification on data inputs and outputs
• Supports LVCMOS switching levels on CSGateEN and RESET inputs
• Low voltage operation: VDD = 1.7V to 1.9V
• Available in 160-ball LFBGA package

Applications
• DDR2 Memory Modules
• Provides complete DDR DIMM solution with ICS98ULPA877A or IDTCSPUA877A
• Ideal for DDR2 400, 533, 667, and 800




Similar Part No. - ICSSSTUAF32865A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICSSSTUAF32865A RENESAS-ICSSSTUAF32865A Datasheet
676Kb / 17P
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
ICSSSTUAF32865AHLFT RENESAS-ICSSSTUAF32865AHLFT Datasheet
676Kb / 17P
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
More results


Similar Description - ICSSSTUAF32865A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74SSTUBF32866B IDT-IDT74SSTUBF32866B Datasheet
640Kb / 31P
25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
ICSSSTUAF32866B IDT-ICSSSTUAF32866B Datasheet
640Kb / 31P
25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
logo
Integrated Circuit Syst...
ICSSSTUB32866B ICST-ICSSSTUB32866B Datasheet
540Kb / 28P
25-Bit Configurable Registered Buffer for DDR2
logo
Integrated Device Techn...
ICSSSTUB32864A IDT-ICSSSTUB32864A Datasheet
141Kb / 12P
25-Bit Configurable Registered Buffer for DDR2
logo
Integrated Circuit Syst...
ICSSSTUBF32866A ICST-ICSSSTUBF32866A Datasheet
292Kb / 28P
25-Bit Configurable Registered Buffer for DDR2
logo
Integrated Device Techn...
ICSSSTUA32864B IDT-ICSSSTUA32864B Datasheet
437Kb / 11P
25-Bit Configurable Registered Buffer for DDR2
logo
Renesas Technology Corp
IDT74SSTUAE32866A RENESAS-IDT74SSTUAE32866A Datasheet
837Kb / 31P
25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
ICSSSTUA32864B RENESAS-ICSSSTUA32864B Datasheet
677Kb / 12P
25-Bit Configurable Registered Buffer for DDR2
2019
ICSSSTUAF32866C RENESAS-ICSSSTUAF32866C Datasheet
771Kb / 31P
25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
ICSSSTUB32864A RENESAS-ICSSSTUB32864A Datasheet
350Kb / 13P
25-Bit Configurable Registered Buffer for DDR2
2019
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com