Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICSSSTUB32864A Datasheet (PDF) - Integrated Device Technology

ICSSSTUB32864A Datasheet PDF - Integrated Device Technology
Part # ICSSSTUB32864A
Download  ICSSSTUB32864A Download
File Size   141.95 Kbytes
Page   12 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 25-Bit Configurable Registered Buffer for DDR2

ICSSSTUB32864A Datasheet (PDF)

Go To PDF Page Download Datasheet
ICSSSTUB32864A Datasheet PDF - Integrated Device Technology

Part # ICSSSTUB32864A
Download  ICSSSTUB32864A Click to download

File Size   141.95 Kbytes
Page   12 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 25-Bit Configurable Registered Buffer for DDR2

ICSSSTUB32864A Datasheet (HTML) - Integrated Device Technology


ICSSSTUB32864A Product details

General Description
This 25-bit 1:1 or 14-bit 1:2 configurable registered buffer is designed for 1.7-V to 1.9-V VDD operation.

Product Features:
• 25-bit 1:1 or 14-bit 1:2 configurable registered buffer
• Supports SSTL_18 JEDEC specification on data inputs and outputs
• Supports LVCMOS switching levels on C0, C1 and RESET# inputs
• Low voltage operation VDD = 1.7V to 1.9V
• Available in 96 BGA package
• Drop-in replacement for ICSSSTUB32866
• Green packages available

Recommended Application:
• DDR2 Memory Modules
• Provides complete DDR DIMM solution with ICS97U877
• Ideal for DDR2 400, 533, 667 and 800




Similar Part No. - ICSSSTUB32864A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICSSSTUB32864A RENESAS-ICSSSTUB32864A Datasheet
350Kb / 13P
25-Bit Configurable Registered Buffer for DDR2
2019
ICSSSTUB32864AHLF-T RENESAS-ICSSSTUB32864AHLF-T Datasheet
350Kb / 13P
25-Bit Configurable Registered Buffer for DDR2
2019
ICSSSTUB32864AHMLF-T RENESAS-ICSSSTUB32864AHMLF-T Datasheet
350Kb / 13P
25-Bit Configurable Registered Buffer for DDR2
2019
More results


Similar Description - ICSSSTUB32864A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICSSSTUAF32865A IDT-ICSSSTUAF32865A Datasheet
422Kb / 17P
25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
IDT74SSTUBF32866B IDT-IDT74SSTUBF32866B Datasheet
640Kb / 31P
25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
ICSSSTUAF32866B IDT-ICSSSTUAF32866B Datasheet
640Kb / 31P
25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
logo
Integrated Circuit Syst...
ICSSSTUB32866B ICST-ICSSSTUB32866B Datasheet
540Kb / 28P
25-Bit Configurable Registered Buffer for DDR2
ICSSSTUBF32866A ICST-ICSSSTUBF32866A Datasheet
292Kb / 28P
25-Bit Configurable Registered Buffer for DDR2
logo
Integrated Device Techn...
ICSSSTUA32864B IDT-ICSSSTUA32864B Datasheet
437Kb / 11P
25-Bit Configurable Registered Buffer for DDR2
logo
Renesas Technology Corp
IDT74SSTUAE32866A RENESAS-IDT74SSTUAE32866A Datasheet
837Kb / 31P
25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
ICSSSTUA32864B RENESAS-ICSSSTUA32864B Datasheet
677Kb / 12P
25-Bit Configurable Registered Buffer for DDR2
2019
ICSSSTUAF32866C RENESAS-ICSSSTUAF32866C Datasheet
771Kb / 31P
25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
ICSSSTUB32864A RENESAS-ICSSSTUB32864A Datasheet
350Kb / 13P
25-Bit Configurable Registered Buffer for DDR2
2019
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com