Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICSSSTV16859C Datasheet (PDF) - Renesas Technology Corp

ICSSSTV16859C Datasheet PDF - Renesas Technology Corp
Part # ICSSSTV16859C
Download  ICSSSTV16859C Download
File Size   468.43 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DDR 13-Bit to 26-Bit Registered BuDDR

ICSSSTV16859C Datasheet (PDF)

Go To PDF Page Download Datasheet
ICSSSTV16859C Datasheet PDF - Renesas Technology Corp

Part # ICSSSTV16859C
Download  ICSSSTV16859C Click to download

File Size   468.43 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DDR 13-Bit to 26-Bit Registered BuDDR

ICSSSTV16859C Datasheet (HTML) - Renesas Technology Corp


ICSSSTV16859C Product details

Recommended Applications:
• DDR Memory Modules
• Provides complete DDR DIMM logic solution with
ICS93V857 or ICS95V857
• SSTL_2 compatible data registers
Product Features:
• Differential clock signals
• Meets SSTL_2 signal data
• Supports SSTL_2 class II specifications on outputs
• Low-voltage operation
- VDD = 2.3V to 2.7V
• Available in 64 pin TSSOP and 56 pin VFQFN (MLF2)
packages




Similar Part No. - ICSSSTV16859C

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICSSSTV16859CG-T ICST-ICSSSTV16859CG-T Datasheet
95Kb / 8P
DDR 13-Bit to 26-Bit Registered Buffer
More results


Similar Description - ICSSSTV16859C

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICSSSTV16859 ICST-ICSSSTV16859 Datasheet
233Kb / 8P
DDR 13-Bit to 26-Bit Registered Buffer
Rev B 06/22/01
ICSSSTVF16859 ICST-ICSSSTVF16859 Datasheet
187Kb / 10P
DDR 13-Bit to 26-Bit Registered Buffer
logo
Alliance Semiconductor ...
AS80SSTVF16859 ALSC-AS80SSTVF16859 Datasheet
122Kb / 13P
DDR 13-Bit to 26-Bit Registered Buffer
ASM4SSTVF16859 ALSC-ASM4SSTVF16859 Datasheet
162Kb / 16P
DDR 13-Bit to 26-Bit Registered Buffer
logo
Integrated Circuit Syst...
ICSSSTVA16859B ICST-ICSSSTVA16859B Datasheet
130Kb / 11P
DDR 13-Bit to 26-Bit Registered Buffer
ICS16859 ICST-ICS16859 Datasheet
97Kb / 8P
DDR 13-Bit to 26-Bit Registered Buffer
ICS16859C ICST-ICS16859C Datasheet
95Kb / 8P
DDR 13-Bit to 26-Bit Registered Buffer
logo
Integrated Device Techn...
ICSSSTVA16859C IDT-ICSSSTVA16859C Datasheet
293Kb / 10P
DDR 13-Bit to 26-Bit Registered Buffer
ICSSSTVF16859B IDT-ICSSSTVF16859B Datasheet
114Kb / 10P
DDR 13-Bit to 26-Bit Registered Buffer
logo
Renesas Technology Corp
ICSSSTVF16859B RENESAS-ICSSSTVF16859B Datasheet
349Kb / 11P
DDR 13-Bit to 26-Bit Registered Buffer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com