Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICSSSTV16859 Datasheet (PDF) - Integrated Circuit Systems

ICSSSTV16859 Datasheet PDF - Integrated Circuit Systems
Part # ICSSSTV16859
Download  ICSSSTV16859 Download
File Size   233.83 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description DDR 13-Bit to 26-Bit Registered Buffer

ICSSSTV16859 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICSSSTV16859 Datasheet PDF - Integrated Circuit Systems

Part # ICSSSTV16859
Download  ICSSSTV16859 Click to download

File Size   233.83 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description DDR 13-Bit to 26-Bit Registered Buffer

ICSSSTV16859 Datasheet (HTML) - Integrated Circuit Systems


ICSSSTV16859 Product details

General Description
The 13-bit-to-26-bit ICSSSTV16859 is a universal bus driver designed for 2.3V to 2.7V VDD operation and SSTL_2 I/O levels, except for the LVCMOS RESET# input.

Product Features:
• Differential clock signals
• Meets SSTL_2 signal data
• Supports SSTL_2 class II specifications on outputs
• Low-voltage operation
    - VDD = 2.3V to 2.7V
• Available in 64 pin TSSOP and 56 pin VFQFN (MLF2) packages




Similar Part No. - ICSSSTV16859

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICSSSTV16859C RENESAS-ICSSSTV16859C Datasheet
468Kb / 10P
DDR 13-Bit to 26-Bit Registered BuDDR
2019
logo
Integrated Circuit Syst...
ICSSSTV16859CG-T ICST-ICSSSTV16859CG-T Datasheet
95Kb / 8P
DDR 13-Bit to 26-Bit Registered Buffer
logo
Renesas Technology Corp
ICSSSTV16859CK RENESAS-ICSSSTV16859CK Datasheet
468Kb / 10P
DDR 13-Bit to 26-Bit Registered BuDDR
2019
logo
Integrated Circuit Syst...
ICSSSTV16859YG-T ICST-ICSSSTV16859YG-T Datasheet
97Kb / 8P
DDR 13-Bit to 26-Bit Registered Buffer
More results


Similar Description - ICSSSTV16859

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICSSSTVF16859 ICST-ICSSSTVF16859 Datasheet
187Kb / 10P
DDR 13-Bit to 26-Bit Registered Buffer
logo
Alliance Semiconductor ...
AS80SSTVF16859 ALSC-AS80SSTVF16859 Datasheet
122Kb / 13P
DDR 13-Bit to 26-Bit Registered Buffer
ASM4SSTVF16859 ALSC-ASM4SSTVF16859 Datasheet
162Kb / 16P
DDR 13-Bit to 26-Bit Registered Buffer
logo
Integrated Circuit Syst...
ICSSSTVA16859B ICST-ICSSSTVA16859B Datasheet
130Kb / 11P
DDR 13-Bit to 26-Bit Registered Buffer
ICS16859 ICST-ICS16859 Datasheet
97Kb / 8P
DDR 13-Bit to 26-Bit Registered Buffer
ICS16859C ICST-ICS16859C Datasheet
95Kb / 8P
DDR 13-Bit to 26-Bit Registered Buffer
logo
Integrated Device Techn...
ICSSSTVA16859C IDT-ICSSSTVA16859C Datasheet
293Kb / 10P
DDR 13-Bit to 26-Bit Registered Buffer
ICSSSTVF16859B IDT-ICSSSTVF16859B Datasheet
114Kb / 10P
DDR 13-Bit to 26-Bit Registered Buffer
logo
Renesas Technology Corp
ICSSSTVA16859C RENESAS-ICSSSTVA16859C Datasheet
530Kb / 11P
DDR 13-Bit to 26-Bit Registered Buffer
2019
ICSSSTVF16859B RENESAS-ICSSSTVF16859B Datasheet
349Kb / 11P
DDR 13-Bit to 26-Bit Registered Buffer
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com